Electronic Components Datasheet Search
  English  ▼

X  

ACTFD002 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTFD002
Description  SAW DUPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFD002 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTFD002 Datasheet HTML 1Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 2Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 3Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 4Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 5Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 6Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 7Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 8Page - Advanced Crystal Technology ACTFD002 Datasheet HTML 9Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
- 3 -
Maximum Ratings
Rating
Value
Unit
Operating Temperature Range
TA
-30 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
DC Voltage (between any Terminals)
VDC
5
V
RF Power (in BW)
P
30 max
dBm
ESD Voltage (HB)
VESD
250
V
Electrical Characteristics TX-ANT:
Temperature range for specification: T=-30°C to +85°C
Antenna terminating impedance: ZANT=50Ω||7.5nH
RX terminating impedance:
ZRX=100Ω(balanced)
TX terminating impedance:
ZTX=50Ω
Item
Minimu
m
Typical
Maximu
m
Unit
Center Frequency
fC
-
836.5
-
MHz
Maximum
Insertion
Loss
in
824.0
MHz–849.0MHz
IL
-
1.8
2.3
dB
Amplitude
Variation
in
824.0
MHz–849.0MHz
0.6
1.0
dB
Absolute Attenuation
α
0.30 … 779.0MHz
25
33
-
dB
779.0 … 804.0 MHz
27
29
-
dB
869.0 … 894.0 MHz
47
54
-
dB
1573.0 … 1578.0MHz
36
43
-
dB
1648.0 … 1698.0 MHz
35
39
--
dB
2472.0 … 2547.0 MHz
23
26
--
dB
3296.0 … 3396.0 MHz
10
18
--
dB
Input
VSWR(TX port)
in
824.0 MHz–849.0MHz
-
1.9:1
2.1:1
Output VSWR(ANT port)
in
824.0 MHz–849.0MHz
-
1.6:1
2.0:1
RoHS Compliant
Electrostatic Sensitive Device



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com