Electronic Components Datasheet Search
  English  ▼

X  

ACTFD003 Datasheet(PDF) 5 Page - Advanced Crystal Technology

Part # ACTFD003
Description  SAW DUPLEXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFD003 Datasheet(HTML) 5 Page - Advanced Crystal Technology

  ACTFD003 Datasheet HTML 1Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 2Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 3Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 4Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 5Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 6Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 7Page - Advanced Crystal Technology ACTFD003 Datasheet HTML 8Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
- 5 -
Electrical Characteristics ANT- RX-:
Antenna terminating impedance: ZANT=50Ω||6.8nH
RX terminating impedance:
ZRX=50Ω
TX terminating impedance:
ZTX=50Ω
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
-
942.5
-
MHz
Maximum Insertion Loss in 927.4 … 957.6
MHz
IL
-
2.0
2.8
dB
Maximum Insertion Loss in 925.4 … 959.6
MHz
IL
-
2.2
3.3
dB
Amplitude Variation in
927.4 … 957.6 MHz
1.0
1.5
dB
Amplitude Variation in
925.4 … 959.6 MHz
1.0
2.2
dB
Absolute Attenuation
α
0.30 … 840.0MHz
35
47
-
dB
840.0 … 882.5 MHz
38
52
-
dB
882.4 … 912.6 MHz
50
55
-
dB
1738.0 … 1788.0MHz
40
57
-
dB
2400.0 … 2500.0 MHz
40
56
--
dB
2607.0 … 2682.0 MHz
35
45
--
dB
3476.0 … 3576.0 MHz
30
42
--
dB
Input
VSWR(ANT port)
in
925.4 … 959.6 MHz
-
1.6:1
2.2:1
Output VSWR(RX port)
in
925.4 … 959.6 MHz
-
1.7:1
2.2:1
RoHS Compliant
Electrostatic Sensitive Device



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com