Electronic Components Datasheet Search
  English  ▼

X  

DS8973 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8973
Description  DS8973 9-Digit LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8973 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8973 Datasheet HTML 1Page - National Semiconductor (TI) DS8973 Datasheet HTML 2Page - National Semiconductor (TI) DS8973 Datasheet HTML 3Page - National Semiconductor (TI) DS8973 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5851
May 1986
DS8973 9-Digit LED Driver
General Description
The DS8973 is a 9-digit driver designed to operate from
3-cell battery supplies Each driver will sink 100 mA to less
than 07V when driven by only 01 mA Each input is blocked
by diodes so that the input can be driven below ground with
virtually no current drain This is especially important in cal-
culator systems employing a DC-to-DC converter on the
negative side of the battery If the converter were on the
positive side of the battery the converter would have to
handle all of the display current as well as the MOS calcula-
tor chip current But if it is on the negative side it only has
to handle the MOS current The DS8973 is designed for the
more efficient operating mode
Features
Y
Nine complete digit drivers
Y
Built-in low battery indicator
Y
High current outputs100 mA
Y
Straight through pin out for easy board layout
Equivalent Circuit Diagrams
Typical Driver Circuit
TLF5851 – 1
Typical DP Out Circuit
TLF5851 – 2
Connection Diagram
Dual-In-Line Package
TLF5851 – 3
Top View
Order Number DS8973N
See NS Package Number N22A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS8973

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8906 NSC-DS8906 Datasheet
169Kb / 8P
AM/FM Digital Phase-Locked Loop Synthesizer
DS8906N NSC-DS8906N Datasheet
169Kb / 8P
AM/FM Digital Phase-Locked Loop Synthesizer
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
Phase-Locked Loop Frequency Synthesizer
DS8907N NSC-DS8907N Datasheet
164Kb / 8P
Phase-Locked Loop Frequency Synthesizer
logo
Texas Instruments
DS8908 TI1-DS8908 Datasheet
439Kb / 12P
DS8908B AM/FM Digital Phase-Locked Loop Frequency Synthesizer
More results

Similar Description - DS8973

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75491 NSC-DS75491 Datasheet
119Kb / 4P
MOS-to-LED Digit Driver, Quad Segment Driver
logo
Maxim Integrated Produc...
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
8 Digit LED Display Driver
logo
National Semiconductor ...
DS8863 NSC-DS8863 Datasheet
94Kb / 4P
MOS-to-LED 8-Digit Driver
DS8874 NSC-DS8874 Datasheet
84Kb / 4P
DS8874 9-Digit Shift Input LED Driver
logo
ams AG
AS1108 AMSCO-AS1108 Datasheet
601Kb / 19P
4-Digit LED Display Driver
AS1108 AMSCO-AS1108_1 Datasheet
592Kb / 19P
4-Digit LED Display Driver
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
9-channel LED Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
Programmable 9-Output LED Driver
logo
ON Semiconductor
LV5237JA ONSEMI-LV5237JA Datasheet
418Kb / 23P
9-channel LED Driver
November 2014 - Rev. P0
LV5234V ONSEMI-LV5234V Datasheet
347Kb / 24P
9-channel LED Driver
March, 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com