Electronic Components Datasheet Search
  English  ▼

X  

LM4868 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4868
Description  Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4868 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4868 Datasheet HTML 6Page - National Semiconductor (TI) LM4868 Datasheet HTML 7Page - National Semiconductor (TI) LM4868 Datasheet HTML 8Page - National Semiconductor (TI) LM4868 Datasheet HTML 9Page - National Semiconductor (TI) LM4868 Datasheet HTML 10Page - National Semiconductor (TI) LM4868 Datasheet HTML 11Page - National Semiconductor (TI) LM4868 Datasheet HTML 12Page - National Semiconductor (TI) LM4868 Datasheet HTML 13Page - National Semiconductor (TI) LM4868 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Typical Performance Characteristics (Continued)
Dropout Voltage vs
Supply Voltage
Power Derating Curve
20026715
20026716
Power Dissipation vs
Output Power
Noise Floor
20026717
20026718
Channel Separation
Channel Separation
20026719
20026720
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com