Electronic Components Datasheet Search
  English  ▼

X  

CD-HD201 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD-HD201
Description  RoHS compliant*
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-HD201 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD-HD201 Datasheet HTML 1Page - Bourns Electronic Solutions CD-HD201 Datasheet HTML 2Page - Bourns Electronic Solutions CD-HD201 Datasheet HTML 3Page - Bourns Electronic Solutions CD-HD201 Datasheet HTML 4Page - Bourns Electronic Solutions CD-HD201 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD-HD2x(L)SeriesSurfaceMountSchottkyBridgeRectifierDiode
Rating and Characteristic Curves
Forward Current Derating Curve
Maximum Non-Repetitive Peak Forward Surge Current
Forward Characteristics
1.5
2.5
0.5
1.0
2.0
0
1.5
2.5
0.5
1.0
2.0
0
150
125
100
02575
50
Ambient Temperature (°C)
150
125
100
02575
50
Ambient Temperature (°C)
10.00
0.10
0.01
0
0.3
0.1
0.4
0.2
1.0
0.7 0.8 0.9
0.6
0.5
Instantaneous Forward Voltage (Volts)
1.00
TA = 25 °C
CD-HD2004
CD-HD2006
CD-HD201
60 Hz Resistive
or Inductive Load
CD-HD2004
CD-HD2006
CD-HD201
60 Hz Resistive
or Inductive Load
CD-HD2006L
CD-HD201L
30
40
50
60
20
10
0
110
100
Number of Cycles at 60 Hz
Pulse Width 8.3 ms
Single Half-Sine-Wave
30
40
50
60
20
10
0
110
100
Number of Cycles at 60 Hz
Pulse Width 8.3 ms
Single Half-Sine-Wave
CD-HD2006L
CD-HD201L
CD-HD2004
CD-HD2006
CD-HD201
0
0.3
0.1
0.4
0.2
0.8
0.7
0.6
0.5
Instantaneous Forward Voltage (Volts)
10.00
0.10
0.01
1.00
TA = 25 °C
CD-HD2006L
CD-HD201L
0.001
0.01
0.10
1.0
10
100
0204060
100
80
Percent of Rated Peak Reverse Voltage (%)
TJ = 25 °C
TJ = 100 °C
0.0001
0.0001
0.01
0.001
0.10
1.0
10
100
0204060
100
80
Percent of Rated Peak Reverse Voltage (%)
CD-HD2006L
TJ = 100 °C
CD-HD2006L
TJ = 25 °C
CD-HD201L
TJ = 100 °C
CD-HD201L
TJ = 25 °C
CD-HD2004
CD-HD2006
CD-HD201
0
200
500
1000
3000
0.1
110
100
Reverse Voltage (Volts)
TJ = 25 °C
CD-HD2004
CD-HD2006
CD-HD201
CD-HD2006L
CD-HD201L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com