Electronic Components Datasheet Search
  English  ▼

X  

LM6588MA Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6588MA
Description  TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6588MA Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM6588MA Datasheet HTML 8Page - National Semiconductor (TI) LM6588MA Datasheet HTML 9Page - National Semiconductor (TI) LM6588MA Datasheet HTML 10Page - National Semiconductor (TI) LM6588MA Datasheet HTML 11Page - National Semiconductor (TI) LM6588MA Datasheet HTML 12Page - National Semiconductor (TI) LM6588MA Datasheet HTML 13Page - National Semiconductor (TI) LM6588MA Datasheet HTML 14Page - National Semiconductor (TI) LM6588MA Datasheet HTML 15Page - National Semiconductor (TI) LM6588MA Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TFT Display Application (Continued)
GAMMA BUFFER
Illumination in a TFT display, also referred to as grayscale, is
set by a series of discrete voltage levels that are applied to
each LCD pixel. These voltage levels are generated by
resistive DAC networks that reside inside each of the column
driver ICs. For example, a column driver with 64 Grayscale
levels has a two 6 bit resistive DACs. Typically, the two
DACs will have their 64 resistors grouped into four seg-
ments, as shown in Figure 8. Each of these segments is
connected to external voltage lines, VGMA1 to VGMA10,
which are the Gamma Levels. VGMA1 to VGMA5 set gray-
scale voltage levels that are positive with respect to V
COM
(high polarity gamma levels). VGMA6 to VGMA10 set gray-
scale voltages negative with respect to V
COM (low polarity
gamma levels).
Figure 9 shows how column drivers in a TFT display are
connected to the gamma levels. VGMA1, VGMA5, VGMA6,
and VGMA10 are driven by the Gamma Buffers. These
buffers serve as low impedance voltage sources that gener-
ate the display’s gamma levels. The Gamma Buffers’ outputs
are set by a simple resistive ladder, as shown in Figure 9.
Note that VGMA2 to VGMA4 and VGMA7 to VGMA9 are
usually connected to the column drivers even though they
are not driven by external buffers. Doing so, forces the
gamma levels in all the column drivers to be identical, mini-
mizing grayscale mismatch between column drivers. Refer-
ring again to Figure 9, the resistive load of a column driver
DAC (i.e. resistance between GMA1 to GMA5) is typically
10k
Ω to 15kΩ. On a typical display such as XGA, there can
be up to 10 column drivers, so the total resistive load on a
Gamma Buffer output can be as low as 1k
Ω. The voltage
between VGMA1 and VGMA5 can range from 3V to 6V,
depending on the type of TFT panel. Therefore, maximum
load current supplied by a Gamma Buffer is approximately
6V/1k
Ω = 6mA, which is a relatively light load for most op
amps. In many displays, VGMA1 can be less than 500mV
below V
DD, and VGMA10 can be less than 500mV above
ground. Under these conditions, an op amp used for the
Gamma Buffer must have rail-to-rail inputs and outputs, like
the LM6588.
Another important specification for Gamma Buffers is small
signal bandwidth and slew rate. When column drivers select
which voltage levels are written to a row of pixels, their
internal DACs inject current spikes into the Gamma Lines.
This generates voltage transients at the Gamma Buffer out-
puts, and they should settle-out in less than 1µs to insure a
steady output voltage from the column drivers. Typically,
these transients have a maximum amplitude of 2V, so a
gamma buffer must have sufficient bandwidth and slew rate
to recover from a 2V transient in 1µs or less.
Figure 10 illustrates how an op amp responds to a large-
signal transient. When such a transient occurs att=0,the
output does not start changing until T
PD, which is the op
amp’s propagation delay time (typically 20ns for the
LM6588). The output then changes at the op amp’s slew rate
from t = T
PD to TSR.Fromt= TSR to TSET, the output settles
to its final value (V
F) at a speed determined by the op amp’s
small-signal frequency response. Although propagation de-
20073433
FIGURE 8. Simplified Schematic of Column Driver IC
20073434
FIGURE 9. Basic Gamma Buffer Configuration
20073435
FIGURE 10. Large Signal Transient Response of an
Operational Amplifier
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com