Electronic Components Datasheet Search
  English  ▼

X  

KPC815LETLD Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPC815LETLD
Description  4PIN PHOTODARLINGTON PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC815LETLD Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPC815LETLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPC815LETLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPC815LETLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPC815LETLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPC815LETLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPC815LETLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPC815LETLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPC815LETLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPC815LETLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P20004.2
- 1 -
http://www.cosmo-ic.com
cosmo
KPC815 Series
4PIN PHOTODARLINGTON
PHOTOCOUPLER
Description
The KPC815 series consist of an infrared-emitting
diode in a 4-pin DIP package and available in wide-lead
spacing and SMD option. The input-output isolation voltage
is rated at 5000 Vrms.
 Schematic
2
1
3
4
1. Anode
2. Cathode
3. Emitter
4. Collector
Features
1. High current transfer ratio
( CTR:Min. 600% at IF=1mA VCE=2V )
2. High isolation voltage between input and output
( Viso:5000Vrms )
3. Compact dual-in-line package
4. Pb free and RoHS compliant
5. MSL class 1
6. Agency Approvals
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
• VDE Approved (No. 40005500): DIN EN60747-5-5
• FIMKO Approved: EN60065, EN60950
• CQC Approved: GB8898-2011, GB4943.1-2011
Applications
• System appliances, measuring instruments
• Industrial robots
• Copiers, automatic vending machines, facsimiles
• Signal transmission between circuits of different potentials and impedances


Similar Part No. - KPC815LETLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC815L COSMO-KPC815L Datasheet
94Kb / 6P
High Reliability Photocoupler
More results

Similar Description - KPC815LETLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP4010 COSMO-KP4010_15 Datasheet
287Kb / 11P
4PIN PHOTODARLINGTON PHOTOCOUPLER
KPC355NT COSMO-KPC355NT_15 Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC452 COSMO-KPC452_15 Datasheet
215Kb / 10P
4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPS2802 COSMO-KPS2802_15 Datasheet
222Kb / 10P
4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2806 COSMO-KPS2806_15 Datasheet
228Kb / 10P
4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2832 COSMO-KPS2832_15 Datasheet
221Kb / 10P
4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KT1200 COSMO-KT1200_16 Datasheet
319Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1210 COSMO-KT1210_16 Datasheet
319Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1400 COSMO-KT1400_16 Datasheet
178Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1410 COSMO-KT1410_16 Datasheet
223Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com