Electronic Components Datasheet Search
  English  ▼

X  

FPD87310 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button FPD87310 Datasheet HTML 6Page - National Semiconductor (TI) FPD87310 Datasheet HTML 7Page - National Semiconductor (TI) FPD87310 Datasheet HTML 8Page - National Semiconductor (TI) FPD87310 Datasheet HTML 9Page - National Semiconductor (TI) FPD87310 Datasheet HTML 10Page - National Semiconductor (TI) FPD87310 Datasheet HTML 11Page - National Semiconductor (TI) FPD87310 Datasheet HTML 12Page - National Semiconductor (TI) FPD87310 Datasheet HTML 13Page - National Semiconductor (TI) FPD87310 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Functional Description (Continued)
•
Each output has a Control Register (bit [0]) which defines
the GPO polarity (active high or low). Another bit in the
Control Register (bit [1] enables the “toggle” mode. This
mode is useful in REV generation when alternating polar-
ity is required from line to line. Frame to Frame polarity
changes are made by programming an odd # in the ver-
tical duration register when in “toggle” mode.
Two of the General Purpose Outputs have additional capa-
bilities.
GPO[0] is capable of performing line inversion on the output
data. Bits [4,3] of the Output Format Control Register pro-
vides control for this function.
GPO[9] controls output blanking and must be used for this
purpose. If output blanking is not desired, this register must
be programmed to always be active.
Black or White Data Generation (all “0” or “1” data) at the end
of each frame is generated when Input Format Control Reg-
ister bits [7,6] is set “10” or “11”. When those bits are set,
Black or White data is output after line #768 if GPO[9] is ac-
tive.
SERIAL EEPROM INTERFACE
The Serial EEPROM Interface controls the FPD87310 initial-
ization. If the first byte word read from the EEPROM is not
“00”, the internal default values are used to initialize all pro-
grammable function of the FPD87310.
At power-up, the FPD87310 configures the internal program-
mable registers with data from the EEPROM. After the
FPD87310 is initialized, the EEPROM can be accessed by
the system in which display configuration and manufacturing
information can be obtained. The EEPROM can be pro-
grammed “in system” providing quick evaluation of different
display timing. External access to the EEPROM must be pre-
ceded by pin TEST[2] = “1” in order to interrupt the
FPD87310
download.
Continuous
initialization
with
EEPROM is also selectable by pin TEST[2] = “0”.
The FPD87310 initialization data begins at EEPROM ad-
dress 080
H. The first 128 bytes (00H–07FH) are reserved for
display identification data.
RSDS OUTPUT VOLTAGE CONTROL
The RSDS output voltage swing is controlled through an ex-
ternal load resistor connected to the R
PI pin. Typical value for
the R
PI is 13kΩ for most applications. However, this is de-
pendent on overall LCD module design characteristics such
as trace impedance, termination, etc. The RSDS output volt-
age is inversely related to the R
PI value. Lower RPI values
will increase the RSDS output voltage swing and conse-
quently overall power consumption will also increase. See
.
Figure 13
DS101077-4
FIGURE 11. EEPROM Connection
DS101077-5
FIGURE 12. Without EEPROM
DS101077-35
FIGURE 13. R
PI Connection Diagram
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com