Electronic Components Datasheet Search
  English  ▼

X  

KPC845LETR Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KPC845LETR
Description  16PIN PHOTODARLINGTON PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC845LETR Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KPC845LETR Datasheet HTML 1Page - COSMO  Electronics Corporation KPC845LETR Datasheet HTML 2Page - COSMO  Electronics Corporation KPC845LETR Datasheet HTML 3Page - COSMO  Electronics Corporation KPC845LETR Datasheet HTML 4Page - COSMO  Electronics Corporation KPC845LETR Datasheet HTML 5Page - COSMO  Electronics Corporation KPC845LETR Datasheet HTML 6Page - COSMO  Electronics Corporation KPC845LETR Datasheet HTML 7Page - COSMO  Electronics Corporation KPC845LETR Datasheet HTML 8Page - COSMO  Electronics Corporation KPC845LETR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P23002.2
- 5 -
http://www.cosmo-ic.com
cosmo
KPC845 Series
16PIN PHOTODARLINGTON
PHOTOCOUPLER
Fig.6 Collector Current
vs. Collector-Emitter Voltage
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
0
0
2
1
50
4
3
5
1mA
2.0mA
5.0mA
I =10mA
100
F
Ta=25° C
40
30
20
10
80
60
70
90
- 5 5
0
2 5
5 0
7 5
1 0 0
0
5 0
1 0 0
1 5 0
I = 1 m A
V
= 2 V
F
C E
1 1 5
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8 Collector-Emitter Saturation
Voltage vs. Forward Current
Fig.9 Collector-Emitter Saturation
Voltage vs. Ambient Temperature
5.0
5
1.5
0.5
0
0
1.0
1
2
4
3
2.5
3.5
4.5
2.0
3.0
4.0
7.0mA
30mA
50mA
8
6
7
9
10
5.0mA
3.0mA
1.0mA
Ic=0.5mA
Ta=25 C
1 . 1
- 5 5
0
0 . 1
0 . 2
0
2 5
5 0
0 . 7
0 . 5
0 . 3
0 . 4
0 . 6
0 . 9
0 . 8
1 . 0
1 1 5
7 5
I = 2 0 m A
I c = 5 m A
1 . 5
1 . 3
1 . 2
1 . 4
F
Forward Current IF (mA)
Ambient Temperature Ta (℃)
Fig.10 Response Time
vs. Load Resistance
0.01
1
2
5
10
20
50
100
200
500
1000
Ta=25°
Ic=20mA
V
=2V
0.1
1
f
t
10
r
t
C
td
ts
CE
Load Resistance RL (KΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com