Electronic Components Datasheet Search
  English  ▼

X  

FSD270 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FSD270
Description  SILICON DUAL VARIABLE CAPACITANCE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FSD270 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FSD270 Datasheet HTML 1Page - Zetex Semiconductors FSD270 Datasheet HTML 2Page - Zetex Semiconductors FSD270 Datasheet HTML 3Page - Zetex Semiconductors FSD270 Datasheet HTML 4Page - Zetex Semiconductors FSD270 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Additional CV matching capability:
Zetex recognise that some applications ie filtering in digital audio receiver circuits, require these dual varactors
to be very tightly matched. To meet this requirement devices can be supplied tested into capacitance bands at the
2V condition.
Each ( TA ) reel will contain 3000 devices carrying only diodes tested into a single band and each device will have a
partmark identifying the capacitance band which they meet.
As this is a final test measurement customers will not have the option to specify a capacitance at the time of
ordering and will be obliged to accept the band into which the devices are tested.
- Purchase orders can be placed in multiples of 3000 units / reel for device type FSD270TA
- Samples can be obtained from Zetex Plc quoting device type #FSD270TA
FSD270
ISSUE 1 - AUGUST 2002
2
PARAMETER
SYMBOL
VALUE
UNIT
Forward Current (single diode)
I
F
200
mA
Power Dissipation at T
amb=25°C (a)
Linear Derating Factor
P
D
330
3
mW
mW/°C
Operating and Storage Temperature Range
T
j:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS.
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Reverse Breakdown
Voltage
V
BR
25
V
I
R =10µA
Reverse Leakage Current
I
R
0.2
20
nA
V
R = 20V
Temperature Coefficient
η
400
ppm/°C
V
R = 3V, f=1MHz
Diode Capacitance
C
d
29.7
33.0
36.3
pF
V
R = 2V, f=1MHz
Capacitance Ratio
C
d /Cd
5.0
6.5
V
R = 2V/20V, f=1MHz
Figure of Merit
Q
200
V
R = 3V, f=50MHz
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C ).
MIN.
MAX.
UNIT
PART NUMBER
BAND A
29.7
32.1
pF
70A
BAND B
31.9
34.1
pF
70B
BAND C
33.9
36.3
pF
70C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com