Electronic Components Datasheet Search
  English  ▼

X  

APAMBJ-145 Datasheet(PDF) 2 Page - Abracon Corporation

Part # APAMBJ-145
Description  Bluetooth/Wi-Fi Antenna Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

APAMBJ-145 Datasheet(HTML) 2 Page - Abracon Corporation

  APAMBJ-145 Datasheet HTML 1Page - Abracon Corporation APAMBJ-145 Datasheet HTML 2Page - Abracon Corporation APAMBJ-145 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
PACKAGING:
RoHS/RoHS II Compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 02.09.16
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
OUTLINE DIMENSION:
Parameters
Description
RF Connector
SMA Male
Weight
220g
Cable Type
RG174U
Cable Length
250cm
Lid
ABS
Base
Zamak
Gasket
TPE
Color
Black
Bluetooth/Wi-Fi Antenna Module
Ø77.3 x 36.5 mm
APAMBJ-145
Each antenna is packed individually in a 140x120x81mm box.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com