Electronic Components Datasheet Search
  English  ▼

X  

LM4870M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4870M
Description  1.1W Audio Power Amplifier with Shutdown Mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4870M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4870M Datasheet HTML 1Page - National Semiconductor (TI) LM4870M Datasheet HTML 2Page - National Semiconductor (TI) LM4870M Datasheet HTML 3Page - National Semiconductor (TI) LM4870M Datasheet HTML 4Page - National Semiconductor (TI) LM4870M Datasheet HTML 5Page - National Semiconductor (TI) LM4870M Datasheet HTML 6Page - National Semiconductor (TI) LM4870M Datasheet HTML 7Page - National Semiconductor (TI) LM4870M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
External Components Description (Figure 1)
Components
Functional Description
1.
R
i
Inverting input resistance which sets the closed-loop gain in conjunction with R
f. This resistor also
forms a high pass filter with C
i at fC = 1/(2π Ri Ci).
2.
C
i
Input coupling capacitor which blocks DC voltage at the amplifier’s input terminals. Also creates a
highpass filter with R
i at fC = 1/(2π Ri Ci).
3.
R
f
Feedback resistance which sets closed-loop gain in conjunction with R
i.
4.
C
S
Supply bypass capacitor which provides power supply filtering. Refer to the Application Information
section for proper placement and selection of supply bypass capacitor.
5.
C
B
Bypass pin capacitor which provides half supply filtering. Refer to Application Information section for
proper placement and selection of bypass capacitor.
Typical Performance Characteristics
THD+N vs Frequency
DS100094-9
THD+N vs Frequency
DS100094-10
THD+N vs Frequency
DS100094-11
THD+N vs Output Power
DS100094-12
THD+N vs Output Power
DS100094-13
THD+N vs Output Power
DS100094-14
Supply Current vs
Supply Voltage
DS100094-16
Power Derating Curve
DS100094-17
LM4870 Noise Floor
vs Frequency
DS100094-18
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com