Electronic Components Datasheet Search
  English  ▼

X  

LP2967IBP-1833 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2967IBP-1833
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2967IBP-1833 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP2967IBP-1833 Datasheet HTML 3Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 4Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 5Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 6Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 7Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 8Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 9Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 10Page - National Semiconductor (TI) LP2967IBP-1833 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Typical performance Characteristics Unless otherwise specified: C
IN = 1µF, COUT = 4.7µF, VON/
OFF
= 1.6V, I
L = 1mA, TA = 25˚C.
Output Voltage vs Temperature
Output Voltage vs Temperature
10114255
10114256
Output Voltage vs Temperature
Dropout Voltage vs Load
10114257
10114216
Dropout Voltage vs Temp. and Load
Ground Pin Current vs Temp. and Load
10114217
10114218
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com