Electronic Components Datasheet Search
  English  ▼

X  

BD235 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BD235
Description  NPN Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BD235 Datasheet(HTML) 1 Page - Micro Commercial Components

  BD235 Datasheet HTML 1Page - Micro Commercial Components BD235 Datasheet HTML 2Page - Micro Commercial Components BD235 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BD233
BD235
BD237
NPN
Plastic-Encapsulate
Transistors
Features
•
Power Dissipation: PCM =1.25W, Ta=25
•
Collector Current : IC=2A
•
Complement to BD234/236/238 respectively
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Maximum Ratings*
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
BD233
BD235
BD237
45
60
80
V
VCBO
Collector-Base Voltage
BD233
BD235
BD237
45
60
100
V
VCER
Collector-Emitter Voltage
BD233
BD235
BD237
45
60
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
2
A
ICP
Collector Current (Pulse)
6
A
PC
Collector Dissipation ( TC=25
)
25
W
TJ
Operating Junction Temperature
150
TSTG
Storage Temperature
-65 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
VCEO(sus)
Collector-Emitter Breakdown Voltage
BD233 (IC=0.1Adc, IB=0)
BD235 (IC=0.1Adc, IB=0)
BD237 (IC=0.1Adc, IB=0)
45
60
80
---
---
---
V
V
V
ICBO
Collector Cutoff Current
BD233 (VCB=45Vdc, IE=0)
BD235 (VCB=60Vdc, IE=0)
BD237 (VCB=100Vdc, IE=0)
---
---
---
100
100
100
µA
µA
µA
IEBO
Emitter Cutoff Current
(VBE=5.0Vdc, IC=0)
---
1.0
mA
hFE
DC Current Gain
(VCE=2V, IC=150mA)
(VCE=2V, IC=1A)
40
25
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=1A, IB=0.1A)
---
0.6
V
VBE(on)
Base-Emitter ON Voltage
(VCE=2V, IC=1A)
---
1.3
V
fT
Current Gain Bandwidth Product
(VCE=10V, IC=0.25A)
3
---
MHz
*Pulse Test: PW=300
µs, Duty Cycle=1.5% Pulsed





 

 


0.291
0.307

7.40
7.80

0.417
0.433
10.60
11.00

0.602
0.618
15.30
15.70

4
1
3.90
4.10

0.118
0.126
3.00
3.20

0.026
0.034
0.66
0.86

0.046
0.054
1.17
1.37

0.090TYP
2.290TYP

0.098
0.114
2.50
2.90
D
B
N
A
C
E
F
G
Q
K
M
N
0.043
0.059
1.10
1.50
Q
0.018
0.024
0.45
0.60
L
J
PIN 1.
EMITTER
PIN 2.
COLLECTOR
PIN 3.
BASE
1
2
3
L
0.083
0.091
2.10
2.30
M
0.000
0.012
0.00
0.30





DIMENSIONS
•
Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
•
Marking: Type Number
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.


Similar Part No. - BD235

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-1997
logo
Fairchild Semiconductor
BD235 FAIRCHILD-BD235 Datasheet
38Kb / 4P
Medium Power Linear and Switching Applications
logo
List of Unclassifed Man...
BD235 ETC1-BD235 Datasheet
1Mb / 2P
TO-126 Plastic-Encapsulate Transistors
logo
Weitron Technology
BD235 WEITRON-BD235 Datasheet
180Kb / 3P
NPN Epitaxial Planar Transistors
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
265Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Feb-2003
More results

Similar Description - BD235

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com