Electronic Components Datasheet Search
  English  ▼

X  

BLS2731-10 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLS2731-10
Description  Microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLS2731-10 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLS2731-10 Datasheet HTML 3Page - NXP Semiconductors BLS2731-10 Datasheet HTML 4Page - NXP Semiconductors BLS2731-10 Datasheet HTML 5Page - NXP Semiconductors BLS2731-10 Datasheet HTML 6Page - NXP Semiconductors BLS2731-10 Datasheet HTML 7Page - NXP Semiconductors BLS2731-10 Datasheet HTML 8Page - NXP Semiconductors BLS2731-10 Datasheet HTML 9Page - NXP Semiconductors BLS2731-10 Datasheet HTML 10Page - NXP Semiconductors BLS2731-10 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1998 Nov 25
7
Philips Semiconductors
Product specification
Microwave power transistor
BLS2731-10
List of components
Notes
1. American Technical Ceramics type 100A or capacitor of same quality.
2. American Technical Ceramics type 200A or capacitor of same quality.
3. American Technical Ceramics type 700A or capacitor of same quality.
COMPONENT
DESCRIPTION
VALUE
C1
multilayer ceramic chip capacitor; note 1
0.7 nF
C2
multilayer ceramic chip capacitor; note 2
1 nF
C3
multilayer ceramic chip capacitor; note 1
10 pF
C4
multilayer ceramic chip capacitor; note 3
150 pF
C5
Tekelec trimmer type 37281SL
0.4 to 2.5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com