Electronic Components Datasheet Search
  English  ▼

X  

BLS3135-20 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLS3135-20
Description  Microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLS3135-20 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLS3135-20 Datasheet HTML 1Page - NXP Semiconductors BLS3135-20 Datasheet HTML 2Page - NXP Semiconductors BLS3135-20 Datasheet HTML 3Page - NXP Semiconductors BLS3135-20 Datasheet HTML 4Page - NXP Semiconductors BLS3135-20 Datasheet HTML 5Page - NXP Semiconductors BLS3135-20 Datasheet HTML 6Page - NXP Semiconductors BLS3135-20 Datasheet HTML 7Page - NXP Semiconductors BLS3135-20 Datasheet HTML 8Page - NXP Semiconductors BLS3135-20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2000 Feb 01
5
Philips Semiconductors
Product specification
Microwave power transistor
BLS3135-20
handbook, halfpage
3
3.2
3.4
ri
xi
3.6
f (GHz)
zi
(
Ω)
15
−10
10
5
0
−5
MCD867
Fig.6
Input impedance as a function of frequency
(series components); typical values.
VCB = 40 V; class-C; PL =20W.
handbook, halfpage
3
3.2
3.4
RL
XL
3.6
f (GHz)
ZL
(
Ω)
15
−10
10
5
0
−5
MCD868
Fig.7
Load impedance as a function of frequency
(series components); typical values.
VCB = 40 V; class-C; PL =20W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com