Electronic Components Datasheet Search
  English  ▼

X  

BLS3135-65 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLS3135-65
Description  Microwave power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLS3135-65 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLS3135-65 Datasheet HTML 1Page - NXP Semiconductors BLS3135-65 Datasheet HTML 2Page - NXP Semiconductors BLS3135-65 Datasheet HTML 3Page - NXP Semiconductors BLS3135-65 Datasheet HTML 4Page - NXP Semiconductors BLS3135-65 Datasheet HTML 5Page - NXP Semiconductors BLS3135-65 Datasheet HTML 6Page - NXP Semiconductors BLS3135-65 Datasheet HTML 7Page - NXP Semiconductors BLS3135-65 Datasheet HTML 8Page - NXP Semiconductors BLS3135-65 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Aug 16
5
Philips Semiconductors
Product specification
Microwave power transistor
BLS3135-65
VCB = 40 V; class-C; tp = 100 µs; δ = 10%.
Fig.5
Power gain as a function of frequency;
typical values.
handbook, halfpage
3.1
Gp
(dB)
3.2
f (GHz)
3.3
3.5
10
0
8
3.4
6
4
2
MCD753
VCB = 40 V; class-C; tp = 100 µs; δ = 10%.
Fig.6
Return losses input as a function of
frequency; typical values.
handbook, halfpage
3.1
Return
Losses
(dB)
3.2
3.3
3.5
30
0
10
20
3.4
f (GHz)
MCD754
Fig.7
Input impedance as a function of frequency
(series components); typical values.
VCB = 40 V; class-C; PL =65W.
handbook, halfpage
3.1
Zi
(
Ω)
3.2
f (GHz)
xi
ri
3.3
3.5
25
0
20
3.4
15
10
5
MCD755
Fig.8
Load impedance as a function of frequency
(series components); typical values.
VCB = 40 V; class-C; PL =65W.
handbook, halfpage
3.1
3.2
3.3
3.5
8
4
−4
−8
0
3.4
XL
RL
MCD756
f (MHz)
ZL
(
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com