Electronic Components Datasheet Search
  English  ▼

X  

BLV91 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLV91
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV91 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLV91 Datasheet HTML 1Page - NXP Semiconductors BLV91 Datasheet HTML 2Page - NXP Semiconductors BLV91 Datasheet HTML 3Page - NXP Semiconductors BLV91 Datasheet HTML 4Page - NXP Semiconductors BLV91 Datasheet HTML 5Page - NXP Semiconductors BLV91 Datasheet HTML 6Page - NXP Semiconductors BLV91 Datasheet HTML 7Page - NXP Semiconductors BLV91 Datasheet HTML 8Page - NXP Semiconductors BLV91 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
September 1988
2
Philips Semiconductors
Product specification
UHF power transistor
BLV91/SL
DESCRIPTION
NPN silicon planar epitaxial transistor designed for use in
mobile radio transmitters in the 900 MHz band.
FEATURES
• diffused emitter-ballasting resistors for an optimum
temperature profile.
• gold metallization ensures excellent reliability.
• the device can be applied at rated load power, without
an external heatsink, when it is mounted on a
printed-circuit board (see Fig.6).
The transistor has a 4-lead envelope with a ceramic cap
(SOT-172D). All leads are isolated from the mounting
base.
QUICK REFERENCE DATA
RF performance in a common-emitter class-B circuit
Note
1. Device mounted on a printed-circuit board (see Fig.6).
MODE OF OPERATION
T
°C
VCE
V
f
MHz
PL
W
Gp
dB
ηC
%
narrow band; CW
Tmb = 25
12.5
900
2
> 6.5
> 50
Ta =25(1)
12.5
900
1.5
> 6.5
> 50
Ta =25(1)
9.6
900
1.5
typ. 6.6
typ. 60
PIN CONFIGURATION
Fig.1 Simplified outline. SOT172D.
handbook, halfpage
2
1
4
3
MSB007
Top view
PINNING - SOT172D.
PIN
DESCRIPTION
1
emitter
2
base
3
collector
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely safe
provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com