Electronic Components Datasheet Search
  English  ▼

X  

LV25P Datasheet(PDF) 2 Page - LEM

Part # LV25P
Description  VOLTAGE TRANSDUCER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LV25P Datasheet(HTML) 2 Page - LEM

  LV25P Datasheet HTML 1Page - LEM LV25P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bottom view
Right view
Top view
Dimensions LV 25-P (in mm. 1 mm = 0.0394 inch)
Remarks
•I
S is positive when VP is applied on terminal +HT.
•This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
•General tolerance
± 0.2 mm
•Fastening & connection of primary
2 pins
0.635 x 0.635 mm
•Fastening & connection of secondary 3 pins ∅ 1 mm
•Recommended PCB hole
1.2 mm
Secondary terminals
Terminal + : supply voltage + 12 .. 15 V
Terminal M : measure
Terminal -
: supply voltage - 12 .. 15 V
Connection
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Instructions for use of the voltage transducer model LV 25-P
Primary resistor R
1 : the transducer’
s optimum accuracy is obtained at the nominal primary current. As far as possible, R
1 should be
calculated so that the nominal voltage to be measured corresponds to a primary current of 10 mA .
Example: Voltage to be measured V
PN = 250 V
a) R
1 = 25 kΩ / 2.5
W, I
P = 10 mA
Accuracy = ± 0.8 % of V
PN (@ TA = + 25°C)
b) R
1 = 50 kΩ / 1.25 W, IP =
5 mA
Accuracy = ± 1.6 % of V
PN (@ TA = + 25°C)
Operating range (recommended) : taking into account the resistance of the primary windings (which must remain low compared to R
1, in order
to keep thermal deviation as low as possible) and the isolation, this transducer is suitable for measuring nominal voltages from 10 to 500 V.
Standard 00
Year Week
or N° SP..
swiss
mad e
Back view



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com