Electronic Components Datasheet Search
  English  ▼

X  

LP2967IBP-2828 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2967IBP-2828
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2967IBP-2828 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP2967IBP-2828 Datasheet HTML 1Page - National Semiconductor (TI) LP2967IBP-2828 Datasheet HTML 2Page - National Semiconductor (TI) LP2967IBP-2828 Datasheet HTML 3Page - National Semiconductor (TI) LP2967IBP-2828 Datasheet HTML 4Page - National Semiconductor (TI) LP2967IBP-2828 Datasheet HTML 5Page - National Semiconductor (TI) LP2967IBP-2828 Datasheet HTML 6Page - National Semiconductor (TI) LP2967IBP-2828 Datasheet HTML 7Page - National Semiconductor (TI) LP2967IBP-2828 Datasheet HTML 8Page - National Semiconductor (TI) LP2967IBP-2828 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. ( IR reflow, 10 sec.)
245˚C
Pad Temp. (IR reflow, 10 sec.)
245˚C
Operating Junction Temp. Range
−40˚C to +125˚C
Power Dissipation (Note 4)
Internally Limited
ESD Rating (Note 2)
1.5kV
Input Supply Voltage (Survival)
−0.3V to +16V
Input Supply Voltage (Operating)
2.1V to +16V
Shutdown Input Voltage (Survival)
−0.3V to +16V
Output Voltage (Survival) (Note 4)
I
OUT (Survival)
Short Circuit Protected
Input-Output Voltage (Survival),
(Note 5)
−0.3V to + 16V
Electrical Characteristics
Limits in standard typeface are for T
j = 25˚C, and limits in boldface type apply over the full operating junction temperature
range. Unless otherwise specified, V
IN =VO(NOM) + 1V, IL = 1mA, CIN = 1µF,COUT = 4.7µF, VON/OFF = 1.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Operating Specifications
V
O
Output Voltage
Tolerance
I
LOAD = 1mA
1mA < I
LOAD < 150 mA
−1.25
−3.0
1.25
3.0
%
∆V
O/
∆V
IN
Line Regulation
V
O(NOM) + 1V < VIN < 16V
0.08
%/V
∆V
O/
∆I
LOAD
Load Regulation
V
IN =VO(NOM) + 1V (Note 6)
1mA < I
LOAD < 150 mA
−5
mV/V
(V
IN -VO) Min.
Dropout Voltage
(Note 7)
I
LOAD = 1mA
6
10
15
mV
I
LOAD = 50mA
100
125
180
I
LOAD = 150mA
240
290
425
Operating Currents
I
Q
Quiescent Current
Both Regulators ON
I
LOAD (1 and 2) = 1mA
200
300
µA
I
LOAD (1 and 2) = 150mA
1700
5000
One Regulator OFF
I
LOAD (1 and 2) = 1mA
180
250
I
LOAD (1 and 2) = 150mA
1000
2500
Both Regulators OFF
(Shutdown)
2
I
PEAK
Peak Output
Current
V
O < VOUT(NOM) − 5%
200
450
mA
Control Inputs (SD1, SD2)
V
IN (H)
Regulator ON
Control Input
Voltage
1.6
1.4
V
V
IN (L)
Regulator OFF
Control Input
Voltage
V
O < VOUT(NOM) − 5%
0.300
0.8
V
I
ON/OFF
Control Input
Current
V
(SD) =0V
V
(SD) =5V
−2
7
µA
Dynamic Characteristics
e
n
Output Noise
Voltage
C
BYPASS = 100nF, 300 to
100kHz
30
µV rms
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com