Electronic Components Datasheet Search
  English  ▼

X  

BM2R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BM2R
Description  Multi-function or mono-function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BM2R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BM2R Datasheet HTML 1Page - List of Unclassifed Manufacturers BM2R Datasheet HTML 2Page - List of Unclassifed Manufacturers BM2R Datasheet HTML 3Page - List of Unclassifed Manufacturers BM2R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
› Multi-function or mono-function
› Multi-range (12 function)
› Multi-voltage 12 →240 V AC/DC
› LED status indicator (relay version)
› Possibility of external load connection in parallel to the
control input
› 3-wire PNP sensor compatible
Specifications
Functions
Delay
Output
Nominal rating
Connections
Supply voltage
Code
A - Ac - At - B - C - D - Di -
H - Ht -N - TL - Tt
0,5 s →10 days
2 changeover
relays
2 x 8 A
Screw terminals
12 →240 V ∿/⎓
BM2R08MV1
Output relay
Contact arrangement
2 CO (SPDT) (ChangeOver -Simple Pole Double Throw-)
R1: Follow timing function
R2: Follow timing function / Instantaneous
Maximum switching voltage
250 VAC/ 8 A resistive / 250 VDC / 0.3 A resistive
Switching current rate (resistive)
NO / NC : 8A 250 V AC / 8 A 30 VDC @ 25°C
NO / NC : 5A 250 V AC / 5 A 30 VDC @ 60°C
Minimum switching contact
10 mA / 5 VDC
Maximum switching power (resistive)
2000 VA / 80 W @ 25°C
Electrical life
105 cycles min at 250 VAC/ 8 A resistive
Maximum rate (at max switching power)
360 cycles /hour
Mechanical life
10 x 106 cycles
Rated impulse voltage
5 kV (1.2/50µs)
Dielectric strength between coil / contacts
IEC 60664-1: 5 kV /1 min / 1 mA / 50 Hz
Dielectric strength between open contacts
2.5 kV /1 min / 1 mA / 50 Hz
Timing
Timing ranges (7 ranges)
0.5→10s, 0.05→1min, 0.5→10min, 0.05→1h, 0.5→10h, 0.05→1day,
0.5→10days
Minimum pulse duration typically (relay version)
IEC 1812-1: 30 ms
100 ms with load
Maximum reset time by de-energisation typically (relay version)
IEC 1812-1: 120 ms
Repeatability
IEC 1812-1: ≤ ± 0,5%
Repetition accuracy with constant parameters
IEC 1812-1: ≤ ± 10%
Drift Temperature
≤ ± 0.05% / °C
Voltage-dependent drift
≤ ± 0.2% / V
BM2R
Timers
Syrline
17.5 mm - 2 Relay 8A


Similar Part No. - BM2R

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
BM2.52PM600 BANNER-BM2.52PM600 Datasheet
15Mb / 42P
Fiber Optic Systems
BM2.52PM900 BANNER-BM2.52PM900 Datasheet
15Mb / 42P
Fiber Optic Systems
BM2.52PMXX BANNER-BM2.52PMXX Datasheet
15Mb / 42P
Fiber Optic Systems
BM2.52PXX BANNER-BM2.52PXX Datasheet
15Mb / 42P
Fiber Optic Systems
BM2.52SM600 BANNER-BM2.52SM600 Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - BM2R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TSC341 MICROSEMI-TSC341 Datasheet
726Kb / 4P
Multi-Function Gates
logo
Qualtek Electronics Cor...
755-00-28 QUALTEK-755-00-28 Datasheet
367Kb / 1P
MULTI-FUNCTION MODULE
761-18-003 QUALTEK-761-18-003 Datasheet
379Kb / 1P
MULTI-FUNCTION MODULE
762-18-003 QUALTEK-762-18-003 Datasheet
376Kb / 1P
MULTI-FUNCTION MODULE
76218002 QUALTEK-76218002 Datasheet
835Kb / 1P
MULTI-FUNCTION MODULE
logo
List of Unclassifed Man...
BA1R ETC2-BA1R Datasheet
570Kb / 4P
Multi-function or mono-function
BL1R ETC2-BL1R Datasheet
611Kb / 3P
Multi-function or mono-function
BM1R ETC2-BM1R Datasheet
772Kb / 4P
Multi-function or mono-function
logo
Qualtek Electronics Cor...
766-32-001 QUALTEK-766-32-001 Datasheet
435Kb / 1P
MULTI-FUNCTION MODULE
766-32-002 QUALTEK-766-32-002 Datasheet
435Kb / 1P
MULTI-FUNCTION MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com