Electronic Components Datasheet Search
  English  ▼

X  

HCPL-261A Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-261A
Description  遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-261A Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-261A Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-261A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
6 − 128
HCPL-261A/061A/061N/063A/063N/261N/263A/263N
外形寸法図
図1.標準パッケージ寸法図 (HCPL-261A/261N/263A/263N)
図2.ガルウィングサーフェスマウントタイプ#300
9.40 (0.370)
9.90 (0.390)
PIN ONE
1.78 (0.070) MAX.
HP
XXXX
YYWW
TYPE NUMBER
DATE CODE
0.76 (0.030)
1.40 (0.055)
2.28 (0.090)
2.80 (0.110)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
6.10 (0.240)
6.60 (0.260)
0.18 (0.007)
0.33 (0.013)
5° TYP.
7.36 (0.290)
7.88 (0.310)
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
7
8
4
3
2
1
1.19 (0.047) MAX.
UL
RECOGNITION
0.635 ± 0.25
(0.025 ± 0.010)
12° NOM.
0.255 ± 0.075
(0.010 ± 0.003)
9.65 ± 0.25
(0.380 ± 0.010)
0.51 ± 0.130
(0.020 ± 0.005)
7.62 ± 0.25
(0.300 ± 0.010)
5
6
7
8
4
3
2
1
9.65 ± 0.25
(0.380 ± 0.010)
6.350 ± 0.25
(0.250 ± 0.010)
MOLDED
1.02 (0.040)
1.19 (0.047)
1.52 (0.06)
1.78 (0.07)
9.65 ± 0.25
(0.380 ± 0.010)
4.83
(0.190)
TYP.
0.38 (0.015)
0.64 (0.025)
PIN LOCATION (FOR REFERENCE ONLY)
1.080 ± 0.320
(0.043 ± 0.013)
4.19
(0.165)
MAX.
1.780
(0.070)
MAX.
1.19
(0.047)
MAX.
2.540
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
TOLERANCES (UNLESS OTHERWISE SPECIFIED):
LEAD COPLANARITY
MAXIMUM: 0.102 (0.004)
xx.xx = 0.01
xx.xxx = 0.005
A
6章118-160(PDF用)
01.5.24, 4:26 PM
Page 128
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com