Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7720 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-7720
Description  40 ns Propagation Delay CMOS Optocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7720 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-7720 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7720 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Functional Diagram
* Pin 3 is the anode of the internal LED and must be left unconnected for
guaranteed data sheet performance. Pin 7 is not connected internally.
**A 0.1
µF bypass capacitor must be connected between pins 1 and 4, and
5 and 8.
Description
Available in either an 8-pin DIP or
SO-8 package style respectively, the
HCPL-772X or HCPL-072X
optocouplers utilize the latest
CMOS IC technology to achieve
outstanding performance with very
low power consumption. The
HCPL-772X/072X require only two
bypass capacitors for complete
CMOS compatability.
Agilent
HCPL-0720/7720 and HCPL-0721/7721
40 ns Propagation Delay,
CMOS Optocoupler
Data Sheet
Features
• +5 V CMOS compatibility
• 20 ns maximum prop. delay skew
• High speed: 25 MBd
• 40 ns max. prop. delay
• 10 kV/
µs minimum common mode
rejection
• –40 to 85
°C temperature range
• Safety and regulatory approvals
UL recognized
3750 V rms for 1 min. per
UL 1577
CSA component acceptance
notice #5
IEC/EN/DIN EN 60747-5-2
–VIORM = 630 Vpeak for
HCPL-772X option 060
–VIORM = 560 Vpeak for
HCPL-072X option 060
Applications
• Digital fieldbus isolation: CC-Link,
DeviceNet, Profibus, SDS
• AC plasma display panel level
shifting
• Multiplexed data transmission
• Computer peripheral interface
• Microprocessor system interface
Basic building blocks of the
HCPL-772X/072X are a CMOS
LED driver IC, a high speed LED
and a CMOS detector IC. A CMOS
logic input signal controls the
LED driver IC which supplies
current to the LED. The detector
IC incorporates an integrated
photodiode, a high-speed
transimpedance amplifier, and a
voltage comparator with an
output driver.
8
7
6
1
3
SHIELD
5
2
4
**VDD1
VI
*
GND1
VDD2**
VO
GND2
VI, INPUT
LED1
H
L
OFF
ON
TRUTH TABLE
(POSITIVE LOGIC)
NC*
IO
LED1
VO, OUTPUT
H
L
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this
component to prevent damage and/or degradation which may be induced by ESD.


Similar Part No. - HCPL-7720

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Broadcom Corporation.
HCPL-7720 BOARDCOM-HCPL-7720 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-7720 BOARDCOM-HCPL-7720 Datasheet
903Kb / 21P
40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720-000E AVAGO-HCPL-7720-000E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
More results

Similar Description - HCPL-7720

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
200 ns maximum propagation delay
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
40-ns Propagation Delay, CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com