Electronic Components Datasheet Search
  English  ▼

X  

M1389 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M1389
Description  LED IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M1389 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M1389 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L1→L2→L3
LED 閃爍 IC
1/1
2003-06-11
LED FLASH
M1389
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
㆒華半導體股份㈲限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能敘述
功能敘述
功能敘述
功能敘述
• Built-in / Ext Rosc.
• Outputs:1/16 times, 1~16 Hz.
• Duty cycle:1/6.
• Trigger:by VDD or OSH switch.
APPLICATION 產品應用
產品應用
產品應用
產品應用
• Arcade game system, Toys.
ELECTRICAL CHARACTERISTICS 電氣規格
電氣規格
電氣規格
電氣規格
( @V
DD=3V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
V
DD
―
33.5
V
工作電流 Operating Current
I
OP
―
0.1
0.5
mA
No load
靜態電流 Quiescent Current
I
SB
―
15
μA
推動電流 Driving Current
I
OL
30
――
mA
@ V
DS=1.2V
工作溫度 Operating Temperature
Temp.
0
25
60
℃
APPLICATION DIAGRAM 參考電路圖
參考電路圖
參考電路圖
參考電路圖
*All specs and applications shown above subject to change without prior notice.
( 以㆖電路及規格僅供參考,本公司得逕行修正 )
OPTION
P/N
“X”
Delay
“VSS”
Delay
Out
Duty
Fosc(KHz)
M1389-4
3T
—
8T
—
8/3 Hz
1/6
70
M1389-6
8T
—
16T
—
10/3Hz
1/6
80
1
8
45
M1389P
L1
VDD
OSH
L2
L3
VSS
Y
X
VDD=3V
VDD
OPT
VSS
M1389
0.98 x 1.15 mm
2
底
底
底
底=VDD
X
L3
L2
L1
OSH
Y
ROSC
OSH
VDD
OUT
DELAY
T.
DELAY
T.
T.


Similar Part No. - M1389

ManufacturerPart #DatasheetDescription
logo
Dc Components
M13 DCCOM-M13 Datasheet
373Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
EPCOS
M13 EPCOS-M13 Datasheet
166Kb / 5P
Ferrites and accessories
logo
Meder Electronic
M13 MEDER-M13 Datasheet
109Kb / 1P
Magnet
logo
List of Unclassifed Man...
M1300 ETC2-M1300 Datasheet
300Kb / 1P
6mm HEX FEMALE STANDOFFS
logo
Pulse A Technitrol Comp...
M1300 PULSE-M1300 Datasheet
123Kb / 2P
SMT CURRENT SENSE TRANSFORMER
More results

Similar Description - M1389

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC16458 SILAN-SC16458 Datasheet
467Kb / 9P
LED DRIVER IC
logo
Princeton Technology Co...
PT6963 PTC-PT6963 Datasheet
670Kb / 17P
LED Driver IC
PT6964 PTC-PT6964_10 Datasheet
688Kb / 15P
LED Driver IC
logo
Sanyo Semicon Device
LV5026M SANYO-LV5026M Datasheet
158Kb / 17P
LED Driver IC
LV5026MC SANYO-LV5026MC Datasheet
213Kb / 16P
LED Driver IC
logo
Infineon Technologies A...
BCR450 INFINEON-BCR450 Datasheet
373Kb / 16P
LED Driver IC
Rev. 3.1, Feb. 2013
BCR450E6327 INFINEON-BCR450E6327 Datasheet
373Kb / 16P
LED Driver IC
Rev. 3.1, Feb. 2013
ICL8002G INFINEON-ICL8002G Datasheet
1Mb / 22P
LED Controller IC
Rev1.0, 2012-02-28
logo
Shindengen Electric Mfg...
MV1001SC SHINDENGEN-MV1001SC Datasheet
1Mb / 35P
LED driver IC
logo
Shenzhen Huazhimei Semi...
HM6203B HMSEMI-HM6203B Datasheet
727Kb / 5P
LED driver IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com