Electronic Components Datasheet Search
  English  ▼

X  

2N4303 Datasheet(PDF) 1 Page - American Microsemiconductor

Part # 2N4303
Description  LOW POWER FIELD EFFECT TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

2N4303 Datasheet(HTML) 1 Page - American Microsemiconductor

  2N4303 Datasheet HTML 1Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type
Number
Case
Style
(TO—)
BVDgo or
BV gss
Min
(V)
Ciss
Max
(pF)
Ciss
Max
(pF)
Igss
Max
(nA)
R(on)
Max
(ohms)
Yos
Max
(uMhos)
2N4302
92
30
6.0
3.0
—
4.0
1.0
1000
—
0.5
5.0
—
50
2N4303
92
30
6.0
3.0
—
6.0
1.0
2000
—
4.0
10.0
—
50
2N4304
92
30
6.0
3.0
—
10
1.0
1000
—
0.5
15.0
—
50
2N4220A
72
30
6.0
2.0
0.5
4.0
0.1
1000
4000
0.5
3.0
—
10
2N4221
72
30
6.0
2.0
1.0
6.0
0.1
2000
5000
0.2
6.0
—
20
2N4221A
72
30
6.0
2.0
1.0
6.0
0.1
2000
5000
0.2
6.0
—
20
2N4222
72
30
6.0
2.0
2.0
8.0
0.1
2500
6000
5.0
15.0
—
40
2N4222A
72
30
6.0
2.0
2.0
8.0
0.1
2500
6000
5.0
15.0
—
40
2N4224
72
30
6.0
2.0
0.1
8.0
0.5
2000
7500
2.0
20.0
—
2N4338
18
50
6.0
2.0
0.3
1.0
0.1
500
—
0.2
0.6
2.5K
5
2N4339
18
50
6.0
2.0
0.6
1.8
0.1
800
2400
0.5
1.5
1.7K
15
2N4340
18
50
6.0
2.0
1.0
3.0
0.1
1300
3000
1.2
3.6
1.5K
30
2N4341
18
50
6.0
2.0
2.0
6.0
0.1
2000
4000
3.0
9.0
8K
60
2N5103
72
25
5.0
1.0
0.5
4.0
0.1
2000
8000
1.0
8.0
—
100
2N5104
72
25
5.0
1.0
0.5
4.0
0.1
3500
7500
2.0
6.0
—
100
2N5105
72
25
5.0
1.0
0.5
4.0
0.1
5000
10000
5.0
15.0
—
100
2N5163
92
25
12.0
3.0
0.4
8.0
10
2000
9000
1.0
40.0
—
200
2N5358
72
40
6.0
2.0
0.5
3.0
0.1
1000
3000
0.5
1.0
—
10
2N5359
72
40
6.0
2.0
0.8
4.0
1.0
1200
3600
0.6
1.6
—
10
2N5360
72
40
6.0
2.0
0.8
4.0
0.1
1400
4200
0.5
2.6
—
20
2N5361
72
40
6.0
2.0
1.0
6.0
0.1
1500
4500
2.5
5.0
—
20
2N5362
72
40
6.0
2.0
2.0
7.0
0.1
2000
5500
4.0
8.0
—
40
2N5363
72
40
6.0
2.0
2.5
8.0
0.1
2500
6000
7.0
14.0
—
40
2N5364
72
40
6.0
2.0
2.5
8.0
0.1
2700
6500
9.0
18.0
—
60
2N5457
92
25
7.0
3.0
0.5
6.0
1.0
2000
5000
1.0
5.0
—
50
2N5458
92
25
7.0
3.0
1.0
7.0
1.0
1500
5500
2.0
9.0
—
50
2N5459
92
25
7.0
3.0
2.0
8.0
1.0
2000
6000
4.0
16.0
—
50
2N5556
72
30
6.0
3.0
0.2
4.0
0.1
1500
6500
0.5
2.5
—
20
2N5557
72
30
6.0
3.0
0.2
4.0
0.1
9500
6500
0.5
2.5
—
20
2N5558
72
30
6.0
3.0
0.8
5.0
0.1
1500
6500
2.0
5.0
—
20
2N5716
92
40
5.0
1.5
0.2
3.0
1.0
200
1000
0.05
0.25
—
25
2N5717
92
40
5.0
1.5
0.5
5.0
1.0
400
1600
0.2
1.0
—
25
2N5718
92
40
5.0
1.5
1.0
8.0
1.0
500
2000
0.8
4.0
—
25
J308
92
25
5.0
2.5
1.0
6.5
1.0
8000
—
12.0
60.0
—
200
J309
92
25
5.0
2.5
1.0
4.0
1.0
10000
—
12.0
30.0
—
150
J310
92
25
5.0
2.5
2.0
6.5
1.0
8000
24.0
60.0
—
200
PN3684
92
50
4.0
1.2
2.0
5.0
1.0
2000
3000
2.5
7.5
—
50
PN3685
92
50
4.0
1.2
1.0
3.5
1.0
1500
2500
1.0
3.0
—
25
PN3686
92
50
4.0
1.2
0.6
2.0
1.0
1000
2000
0.4
1.2
—
10
PN3687
92
50
4.0
1.2
0.0
1.2
1.0
500
1500
0.1
0.5
—
5
PN4220
92
30
6.0
2.0
0.5
4.0
1.0
1000
4000
0.5
3.0
—
10
PN4221
92
30
6.0
2.0
1.0
6.0
1.0
2000
5000
2.0
6.0
—
20
Tel.1-973-377-9566Fax.1-973-377-3078
133KingsRoad
Madison,NewJersey07940
UnitedStatesofAmerica
©2016AmericanMicrosemiconductor,Inc.
Specificationsaresubjecttochangewithoutnotice
DocumentPage1of1
Revised05/2016
DEKRACertificationInc.
AS9100CandISO9001:2008
CertificateNo.131519.01
www.americanmicrosemi.com
LOW POWER FIELD EFFECT TRANSISTORS
GENERAL PURPOSE N-CHANNEL
Vgs (off)
Min
Max
(V)
Idss
Min Max
(uMhos)
Idss
Min Max
(mA)


Similar Part No. - 2N4303

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4300 CENTRAL-2N4300 Datasheet
55Kb / 1P
Small Signal Transistors
logo
Solid States Devices, I...
2N4300 SSDI-2N4300 Datasheet
215Kb / 2P
2 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
logo
List of Unclassifed Man...
2N4301 ETC1-2N4301 Datasheet
93Kb / 2P
COLLECTOR CURRENT = 10 AMPS NPN TYPES
logo
American Microsemicondu...
2N4302 AMMSEMI-2N4302 Datasheet
905Kb / 1P
LOW POWER FIELD EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4302 NJSEMI-2N4302 Datasheet
116Kb / 2P
N-Channel JFET Silicon Transistor
More results

Similar Description - 2N4303

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
2N4221 AMMSEMI-2N4221 Datasheet
905Kb / 1P
LOW POWER FIELD EFFECT TRANSISTORS
2N4224 AMMSEMI-2N4224 Datasheet
905Kb / 1P
LOW POWER FIELD EFFECT TRANSISTORS
2N4302 AMMSEMI-2N4302 Datasheet
905Kb / 1P
LOW POWER FIELD EFFECT TRANSISTORS
2N5104 AMMSEMI-2N5104 Datasheet
905Kb / 1P
LOW POWER FIELD EFFECT TRANSISTORS
2N5105 AMMSEMI-2N5105 Datasheet
905Kb / 1P
LOW POWER FIELD EFFECT TRANSISTORS
2N5163 AMMSEMI-2N5163 Datasheet
905Kb / 1P
LOW POWER FIELD EFFECT TRANSISTORS
2N5358 AMMSEMI-2N5358 Datasheet
905Kb / 1P
LOW POWER FIELD EFFECT TRANSISTORS
2N5359 AMMSEMI-2N5359 Datasheet
905Kb / 1P
LOW POWER FIELD EFFECT TRANSISTORS
2N5361 AMMSEMI-2N5361 Datasheet
905Kb / 1P
LOW POWER FIELD EFFECT TRANSISTORS
2N5363 AMMSEMI-2N5363 Datasheet
905Kb / 1P
LOW POWER FIELD EFFECT TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com