Electronic Components Datasheet Search
  English  ▼

X  

MAX1167AEEE Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1167AEEE
Description  Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1167AEEE Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1167AEEE Datasheet HTML 17Page - Maxim Integrated Products MAX1167AEEE Datasheet HTML 18Page - Maxim Integrated Products MAX1167AEEE Datasheet HTML 19Page - Maxim Integrated Products MAX1167AEEE Datasheet HTML 20Page - Maxim Integrated Products MAX1167AEEE Datasheet HTML 21Page - Maxim Integrated Products MAX1167AEEE Datasheet HTML 22Page - Maxim Integrated Products MAX1167AEEE Datasheet HTML 23Page - Maxim Integrated Products MAX1167AEEE Datasheet HTML 24Page - Maxim Integrated Products MAX1167AEEE Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
are shut down on the EOC high-to-low transition. Use
the EOC high-to-low transition as the signal to restart
the external clock (SCLK). To read the entire conver-
sion result, 16 SCLK cycles are needed. Extra clock
pulses, occurring after the conversion result has been
clocked out and prior to the rising edge of CS, cause
the conversion result to be shifted out again. The
MAX1168 internal-clock 16-bit-wide data-transfer mode
requires 32 external clock cycles and 32 internal clock
cycles for completion.
Force CS high after the conversion result is read. For
maximum throughput, force CS low again to initiate the
next conversion immediately after the specified mini-
mum time (tCSW). Forcing CS high in the middle of a
conversion immediately aborts the conversion and
places the MAX1168 in shutdown.
Scan mode allows multiple channels to be scanned
consecutively or one channel to be scanned eight
times. Scan mode can only be enabled when using the
MAX1168 in internal clock mode. Enable scanning by
Multichannel, 16-Bit, 200ksps Analog-to-Digital
Converters
______________________________________________________________________________________
21
DOUT
CS
DSPR
SCLK
DIN
DSPX
0
MSB
LSB
MSB
LSB
tACQ
IDLE
tCONV
ADC
STATE
1
8
16
24
Figure 17. DSP External Clock Mode, 8-Bit Data-Transfer Mode, Conversion Timing (MAX1168 Only)
DOUT
CS
SCLK
DIN
0
MSB
LSB
MSB
LSB
ADC
STATE
16
24
32
1
8
X
X
X
X
X
X
XX
X = DON
,
T CARE
tACQ
IDLE
tCONV
DSPR
DSPX
Figure 18. DSP External Clock Mode, 16-Bit Data-Transfer Mode, Conversion Timing (MAX1168 Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com