Electronic Components Datasheet Search
  English  ▼

X  

DLR1414 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # DLR1414
Description  Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLR1414 Datasheet(HTML) 5 Page - OSRAM GmbH

  DLR1414 Datasheet HTML 1Page - OSRAM GmbH DLR1414 Datasheet HTML 2Page - OSRAM GmbH DLR1414 Datasheet HTML 3Page - OSRAM GmbH DLR1414 Datasheet HTML 4Page - OSRAM GmbH DLR1414 Datasheet HTML 5Page - OSRAM GmbH DLR1414 Datasheet HTML 6Page - OSRAM GmbH DLR1414 Datasheet HTML 7Page - OSRAM GmbH DLR1414 Datasheet HTML 8Page - OSRAM GmbH DLR1414 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DLR1414, DLO1414, DLG1414
2006-01-23
5
Timing Characteristics (V
CC=4.5 V)
Note: These waveforms are not edge triggered.
AC Characteristics (guaranteed minimum timing parameters at V
CC=5.0 V ±0.5 V)
Parameter
Symbol
–40
°C
+25
°C
+85
°C
Unit
Address Set Up Time
T
AS
10
10
10
ns
Address Hold Time
T
AH
20
30
40
ns
Write Time
T
W
60
70
90
ns
Data Set Up Time
T
DS
20
30
50
ns
Data Hold Time
T
DH
20
30
40
ns
Access Time
1)
T
ACC
90
110
140
ns
1) T
ACC= Set Up Time + Write Time + Hold Time.
TW
TAS
A0, A1
D0-D6
WR
TAH
TACC
2.0 V
0.8 V
TDS
TDH
2.0 V
0.8 V
2.0 V
0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com