Electronic Components Datasheet Search
  English  ▼

X  

ISD2352 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # ISD2352
Description  Serial Input Alphanumeric Industrial Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ISD2352 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button ISD2352 Datasheet HTML 8Page - OSRAM GmbH ISD2352 Datasheet HTML 9Page - OSRAM GmbH ISD2352 Datasheet HTML 10Page - OSRAM GmbH ISD2352 Datasheet HTML 11Page - OSRAM GmbH ISD2352 Datasheet HTML 12Page - OSRAM GmbH ISD2352 Datasheet HTML 13Page - OSRAM GmbH ISD2352 Datasheet HTML 14Page - OSRAM GmbH ISD2352 Datasheet HTML 15Page - OSRAM GmbH ISD2352 Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ISD201X, ISD231X, ISD235X
2006-04-04
12
Normalized Luminous Intensity vs. Junction Temperature
When mounted in a 10°C/W socket and operated at Absolute
Maximum Electrical conditions, the display will show an LED
junction rise of 17°C. If T
A=40°C, then the LED’s TJ will be 57°C.
Under these conditions the following Figure „Max. LED Junction
Temperature vs. Socket Thermal Resistance“ shows that the l
V will
be 75% of its 25°C value.
Max. LED Junction Temperature vs. Socket Thermal
Resistance
Max. Package Power Dissipation, ISD201X
Max. Package Power Dissipation, ISD231X
Max. Package Power Dissipation, ISD235X
IDDG5127
-60
j
T
-40 -20 0 20 40 60 80 100 ˚C 140
10
-1
10
0
10
1
A
T = 25 ˚C
Normalized to:
IDDG5128
0
0
Socket Thermal
n = 20 LEDs, DF = 20%
COL
V
= 3.5, COL
I
= 410 mA
= 5.25 V,
CC
V
= 10 mA
CC
I
j
T
∆
5
10
15
20
25
30
35
40
50
˚C
5 10 15 20 25 30 35 ˚C/W 50
Resistance
P = 0.87 W
IDDG5129
0
A
T = 25 ˚C
0
LEDs on per Character
5
10 15 20 25 30 35 40
DF = 20%,
COL
V
= 3.5 V, COL
I
= 410 mA
= 5.25 V,
CC
V
= 10 mA
CC
I
Dmax
P
W
0.5
1.0
1.5
IDDG5130
0
A
T = 25 ˚C
0
LEDs on per Character
5
10 15 20 25 30 35 40
0.5
1.0
1.5
2.0
DF = 20%,
COL
V
= 3.5 V, COL
I
= 520 mA
= 5.25 V,
CC
V
= 10 mA
CC
I
Dmax
P
W
IDDG5131
0
A
T = 25 ˚C
0
LEDs on per Character
5
1015 2025 303540
DF = 20%,
COL
V
= 3.5 V, COL
I
= 600 mA
= 5.25 V,
CC
V
= 10 mA
CC
I
Dmax
P
0.5
1.0
1.5
2.0
2.5
3.0
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com