Electronic Components Datasheet Search
  English  ▼

X  

SFH4053 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # SFH4053
Description  CHIPLED with High Power Infrared Emitter (850 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4053 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button SFH4053 Datasheet HTML 5Page - OSRAM GmbH SFH4053 Datasheet HTML 6Page - OSRAM GmbH SFH4053 Datasheet HTML 7Page - OSRAM GmbH SFH4053 Datasheet HTML 8Page - OSRAM GmbH SFH4053 Datasheet HTML 9Page - OSRAM GmbH SFH4053 Datasheet HTML 10Page - OSRAM GmbH SFH4053 Datasheet HTML 11Page - OSRAM GmbH SFH4053 Datasheet HTML 12Page - OSRAM GmbH SFH4053 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
2016-03-04
12
Version 1.3
SFH 4053
Glossary
1) Thermal resistance: junction -ambient, mounted on PC-board (FR4), padsize 5 mm2 each
2) Thermal resistance: junction - soldering point, of the device only, mounted on an ideal heatsink (e.g. metal block)
3) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com