Electronic Components Datasheet Search
  English  ▼

X  

MF5CN Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF5CN
Description  MF5 Universal Monolithic Switched Capacitor Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF5CN Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MF5CN Datasheet HTML 1Page - National Semiconductor (TI) MF5CN Datasheet HTML 2Page - National Semiconductor (TI) MF5CN Datasheet HTML 3Page - National Semiconductor (TI) MF5CN Datasheet HTML 4Page - National Semiconductor (TI) MF5CN Datasheet HTML 5Page - National Semiconductor (TI) MF5CN Datasheet HTML 6Page - National Semiconductor (TI) MF5CN Datasheet HTML 7Page - National Semiconductor (TI) MF5CN Datasheet HTML 8Page - National Semiconductor (TI) MF5CN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Filter Electrical Characteristics Va e 5Vg 05% Vb eb5Vg 05% unless otherwise noted Boldface
limits apply over temperature TMIN s TA s TMAX For all other limits TA e 25 C (Continued)
Typical
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
Output
BP LP pins
RL e 5kX
g
40
g
38
V
Swing (Min)
NAPHP pin
RL e 35 kX
g
42
g
38
V
Vpin9ea5V
83
dB
Dynamic Range
(501 CLK ratio)
(Note 4)
Vpin9eb5V
80
dB
(1001 CLK ratio)
Maximum Output Short Circuit
Source
20
mA
Current (Note 5)
Sink
30
mA
OP-AMP Electrical Characteristics Va ea5V g05% Vb eb5V g05% unless other noted Bold-
face limits apply over temperature TMIN s TA s TMAX For all other limits TA e 25 C
Typical
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
Gain Bandwidth Product
25
MHz
Output Voltage Swing (Min)
RL e 35 kX
g
42
g
38
V
Slew Rate
70
V ms
DC Open-Loop Gain
80
db
Input Offset Voltage (Max)
g
50
g
20
mV
Input Bias Current
10
pA
Maximum Output
Source
20
mA
Short Circuit
Current (Note 5)
Sink
30
mA
Logic Input Characteristics Boldface limits apply over temperature T
MIN
s
TA s TMAX
All other limits TA e 25 C
Typical
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
CMOS Clock
Min Logical ‘‘1’’
30
V
Input
Input Voltage
Va ea5V Vb eb5V
Max Logical ‘‘0’’
VLSh e0V
b
30
V
Input Voltage
Min Logical ‘‘1’’
80
V
Input Voltage
Va ea10V Vb e 0V
Max Logical ‘‘0’’
VLSh ea5V
20
V
Input Voltage
TTL Clock
Min Logical ‘‘1’’
20
V
Input
Input Voltage
Va ea5V Vb eb5V
Max Logical ‘‘0’’
VLSh e 0V
08
V
Input Voltage
Note 1
The typical junction-to-ambient thermal resistance (iJA) of the 14 pin N package is 160 CW and 82 CW for the M package
Note 2
The accuracy of the Q value is a function of the center frequency (fo) This is illustrated in the curves under the heading ‘‘Typical Performance
Characteristics’’
Note 3
Vos1 Vos2 and Vos3 refer to the internal offsets as discussed in the Application Information section 34
Note 4
For g5V supplies the dynamic range is referenced to 282V rms (4V peak) where the wideband noise over a 20 kHz bandwidth is typically 200 mV rms for
the MF5 with a 501 CLK ratio and 280 mV rms for the MF5 with a 1001 CLK ratio
Note 5
The short circuit source current is measured by forcing the output that is being tested to its maximum positive voltage swing and then shorting that output to
the negative supply The short circuit sink current is measured by forcing the output that is being tested to its maximum negative voltage swing and then shorting
that output to the positive supply These are the worst case conditions
Note 6
Typicals are at 25 C and represent most likely parametric norm
Note 7
Guaranteed and 100% tested
Note 8
Guaranteed but not 100% tested These limits are not used to calculate outgoing quality levels
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com