Electronic Components Datasheet Search
  English  ▼

X  

MF5CWM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF5CWM
Description  MF5 Universal Monolithic Switched Capacitor Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF5CWM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button MF5CWM Datasheet HTML 8Page - National Semiconductor (TI) MF5CWM Datasheet HTML 9Page - National Semiconductor (TI) MF5CWM Datasheet HTML 10Page - National Semiconductor (TI) MF5CWM Datasheet HTML 11Page - National Semiconductor (TI) MF5CWM Datasheet HTML 12Page - National Semiconductor (TI) MF5CWM Datasheet HTML 13Page - National Semiconductor (TI) MF5CWM Datasheet HTML 14Page - National Semiconductor (TI) MF5CWM Datasheet HTML 15Page - National Semiconductor (TI) MF5CWM Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
30 Applications Information (Continued)
For most applications the outputs are AC coupled and DC
offsets are not bothersome unless large signals are applied
to the filter input However larger offset voltages will cause
clipping to occur at lower ac signal levels and clipping at
any of the outputs will cause gain nonlinearities and will
change fo and Q When operating in Mode 3 offsets can
become excessively large if R2 and R4 are used to make
fCLK fo significantly higher than the nominal value especial-
ly if Q is also high An extreme example is a bandpass filter
having unity gain aQof20 and fCLK fo e 250 with pin 9
tied to Vb (1001 nominal) R4 R2 will therefore be equal to
625 and the offset voltage at the lowpass output will be
about a19V Where necessary the offset voltage can be
adjusted by using the circuit of
Figure 20 This allows adjust-
ment of Vos1 which will have varying effects on the different
outputs as described in the above equations Some outputs
cannot be adjusted this way in some modes however
(Vos(BP) in modes 1a and 3 for example)
35 SAMPLED DATA SYSTEM CONSIDERATIONS
The MF5 is a sampled data filter and as such differs in
many ways from conventional continuous-time filters An im-
portant characteristic of sampled-data systems is their ef-
fect on signals at frequencies greater than one-half the
sampling frequency (The MF5’s sampling frequency is the
same as its clock frequency) If a signal with a frequency
greater than one-half the sampling frequency is applied to
the input of a sampled data system it will be ‘‘reflected’’ to
a frequency less than one-half the sampling frequency
Thus an input signal whose frequency is fs 2 a 100 Hz will
cause the system to respond as though the input frequency
was fs 2 - 100 Hz This phenomenon is known as ‘‘alias-
ing’’ and can be reduced or eliminated by limiting the input
signal spectrum to less than fs 2 This may in some cases
require the use of a bandwidth-limiting filter ahead of the
MF5 to limit the input spectrum However since the clock
frequency is much higher than the center frequency this will
often not be necessary
Another characteristic of sampled-data circuits is that the
output signal changes amplitude once every sampling peri-
od resulting in ‘‘steps’’ in the output voltage which occur at
the clock rate (
Figure 21 ) If necessary these can be
‘‘smoothed’’ with a simple R-C low-pass filter at the MF5
output
The ratio of fCLK to fc (normally either 501 or 1001) will
also affect performance A ratio of 1001 will reduce any
aliasing problems and is usually recommended for wide-
band input signals In noise sensitive applications however
a ratio of 501 may be better as it will result in 3 dB lower
output noise The 501 ratio also results in lower DC offset
voltages as discussed in 34
The accuracy of the fCLK fo ratio is dependent on the value
of Q This is illustrated in the curves under the heading
‘‘Typical Performance Characteristics’’ As Q is changed
the true value of the ratio changes as well Unless the Q is
low the error in fCLK fo will be small If the error is too large
for a specific application use a mode that allows adjustment
of the ratio with external resistors
It should also be noted that the product of Q and fo should
be limited to 300 kHz when fo k 5 kHz and to 200 kHz for
fo l 5 kHz
TLH5066 – 32
FIGURE 21 The Sampled-Data Output Waveform
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com