Electronic Components Datasheet Search
  English  ▼

X  

MF58 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MF58
Description  HIGH ACCURACY NTC THERMISTORS TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF58 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MF58 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-2902
E-mail: sales@cantherm.com • Website: www.cantherm.com
The MF58 is a NTC thermistor which is
manufactured using a combination of ceramic
and semiconductor techniques. It is equipped
with tinned axial leads and then wrapped with
purified glass.
MF58 Glass Shell Precision NTC Thermistors
2008/Feb
Applications
Temperature compensation and detection for:
• Household appliances (air conditioners, microwave ovens,
electric fans, electric heaters etc.)
• Office equipment (copiers, printers etc.)
• Industrial, medical, environmental, weather and food
processing equipment
• Liquid level detection and flow rate measurement
• Mobile phone battery
• Apparatus coils, integrated circuits, quartz crystal
oscillators and thermocouples.
Dimensions(mm)
Specifications
Main Techno-Parameter
• Zero power resistance range (R25): 0.1~1000KΩ
• Available tolerances of R25:
F=±1% G=±2% H=±3% J=±5% K=±10%
• B value (B25/50°C) range: 3100~4500K
• Available tolerances of B value: ±0.5%, ±1%, ±2%
• Dissipation factor: ≥2mW/°C (In Still Air)
• Thermal time constant: ≤20S (In Still Air)
• Operating temperature range: -55°C ~ +200°C
• Rated Power: ≤50mW
Features
• Good stability and repeatability
• High reliability
• Wide range of resistance: 0.1~1000KΩ
• Tight tolerance on resistance and Beta values
• Usable in high-temperature and high-moisture environments
• Small, light, strong package,
• Suitable for automatic insertion on thru-hole PCBs
• Rapid response
• High sensitivity


Similar Part No. - MF58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF58 ETC2-MF58 Datasheet
204Kb / 1P
MF58 Glass Shell Precision NTC Thermistors
logo
Shanghai Yint Electroni...
MF58 YINT-MF58 Datasheet
995Kb / 11P
Metal Oxide Varistors
MF58502F3650E YINT-MF58502F3650E Datasheet
995Kb / 11P
Metal Oxide Varistors
MF58502F3650F YINT-MF58502F3650F Datasheet
995Kb / 11P
Metal Oxide Varistors
MF58502G3650E YINT-MF58502G3650E Datasheet
995Kb / 11P
Metal Oxide Varistors
More results

Similar Description - MF58

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226403 VISHAY-23226403 Datasheet
217Kb / 19P
NTC Thermistors, Accuracy Line
10-Oct-03
232264010472 VISHAY-232264010472 Datasheet
56Kb / 4P
NTC Thermistors, Special Accuracy
10-Oct-03
232264053202 VISHAY-232264053202 Datasheet
79Kb / 6P
NTC Thermistors, Accuracy Line
15-Jun-04
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
100Kb / 5P
NTC Thermistors, Special Accuracy
14-Sep-06
logo
Micro Commercial Compon...
NTG MCC-NTG Datasheet
352Kb / 3P
High Accuracy NTC Thermistors
NTG222-3950 MCC-NTG222-3950 Datasheet
251Kb / 2P
High Accuracy NTC Thermistors
NTG MCC-NTG_10 Datasheet
451Kb / 4P
High Accuracy NTC Thermistors
logo
Vishay Siliconix
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
18-May-11
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
26-Jun-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com