Electronic Components Datasheet Search
  English  ▼

X  

IR2101 Datasheet(PDF) 11 Page - International Rectifier

Part # IR2101
Description  HIGH AND LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2101 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2101 Datasheet HTML 7Page - International Rectifier IR2101 Datasheet HTML 8Page - International Rectifier IR2101 Datasheet HTML 9Page - International Rectifier IR2101 Datasheet HTML 10Page - International Rectifier IR2101 Datasheet HTML 11Page - International Rectifier IR2101 Datasheet HTML 12Page - International Rectifier IR2101 Datasheet HTML 13Page - International Rectifier IR2101 Datasheet HTML 14Page - International Rectifier IR2101 Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
IR2101/IR21014/IR2102/IR21024
Figure 10A. Turn-Off Fall Time vs Temperature
Temperature (°C)
VBIAS Supply Voltage (V)
Figure 10B. Turn-Off Fall Time vs Voltage
Temperature (°C)
Figure 12A. Logic "1" Input Voltage (IR2101)
Logic "0" Input Voltage (IR2102)
vs Temperature
Figure 12B. Logic "1" Input Voltage (IR2101)
Logic "0" Input Voltage (IR2102)
vs Voltage
Figure 13A. Logic "0" Input Voltage (IR2101)
Logic "1" Input Voltage (IR2102)
vs Temperature
Temperature (°C)
Vcc Supply Voltage (V)
Figure 13B. Logic "0" Input Voltage (IR2101)
Logic "1" Input Voltage (IR2102)
vs Voltage
0
0.8
1.6
2.4
3.2
4
10
12
14
16
18
20
Ma x .
0
0.8
1.6
2.4
3.2
4
- 50
- 25
0
25
50
75
10 0
12 5
Max .
0
1
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125
Min.
Turn-Off Fall Time (ns)
0
50
100
150
200
- 5 0
- 25
0
2 5
5 0
7 5
100
125
Ma x .
Ty p .
0
50
100
150
200
10
12
14
16
18
20
Ma x .
Ty p .
0
1
2
3
4
5
6
7
8
10
12
14
16
18
20
Min.
Vcc Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com