Electronic Components Datasheet Search
  English  ▼

X  

SFH4713A Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4713A
Description  OSLON Black Series (850 nm) - 90
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4713A Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4713A Datasheet HTML 1Page - OSRAM GmbH SFH4713A Datasheet HTML 2Page - OSRAM GmbH SFH4713A Datasheet HTML 3Page - OSRAM GmbH SFH4713A Datasheet HTML 4Page - OSRAM GmbH SFH4713A Datasheet HTML 5Page - OSRAM GmbH SFH4713A Datasheet HTML 6Page - OSRAM GmbH SFH4713A Datasheet HTML 7Page - OSRAM GmbH SFH4713A Datasheet HTML 8Page - OSRAM GmbH SFH4713A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Version 1.2
SFH 4713A
2016-01-29
5
Package Outline
Dimensions in mm.
Package
OSLON Black Series
Approximate Weight:
30 mg
Note:
Package is not suitable for ultra sonic cleaning.
Note:
Corrosion robustness better than EN 60068-2-60 (method 4): with enhanced corrosion test: 40°C / 90%rh
/ 15ppm H2S / 336h
Note:
Anode mark: Anode pad has chamfered edge, which points to cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com