Electronic Components Datasheet Search
  English  ▼

X  

IR21014 Datasheet(PDF) 12 Page - International Rectifier

Part # IR21014
Description  HIGH AND LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21014 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR21014 Datasheet HTML 7Page - International Rectifier IR21014 Datasheet HTML 8Page - International Rectifier IR21014 Datasheet HTML 9Page - International Rectifier IR21014 Datasheet HTML 10Page - International Rectifier IR21014 Datasheet HTML 11Page - International Rectifier IR21014 Datasheet HTML 12Page - International Rectifier IR21014 Datasheet HTML 13Page - International Rectifier IR21014 Datasheet HTML 14Page - International Rectifier IR21014 Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
IR2101/IR21014/IR2102/IR21024
Temperature (°C)
Vcc Supply Voltage (V)
Figure 14A. High Level Output
vs Temperature
Figure 14B. High Level Output vs Voltage
0
0.2
0.4
0.6
0.8
1
10
12
14
16
18
20
Ma x .
Figure 15A. Low Level Output
vs Temperature
Temperature (°C)
Vcc Supply Voltage (V)
Figure 15B. Low level Output vs Voltage
Temperature (°C)
Figure 16A. Offset Supply Current
vs Temperature
0
0.2
0.4
0.6
0.8
1
10
12
14
16
18
20
Max .
0
100
200
300
400
500
0
100
200
300
400
500
600
Max .
Figure 16B. Offset Supply Current
vs Voltage
VB Boost Voltage (V)
0
0.2
0.4
0.6
0.8
1
- 5 0
- 25
0
2 5
5 0
7 5
100
125
Ma x .
0
0.2
0.4
0.6
0.8
1
- 5 0
- 25
0
2 5
5 0
7 5
100
125
Ma x .
0
10 0
20 0
30 0
40 0
50 0
-50-25
0
25
50
7510 0
12 5
Max .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com