Electronic Components Datasheet Search
  English  ▼

X  

IR2154 Datasheet(PDF) 4 Page - International Rectifier

Part # IR2154
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2154 Datasheet(HTML) 4 Page - International Rectifier

  IR2154 Datasheet HTML 1Page - International Rectifier IR2154 Datasheet HTML 2Page - International Rectifier IR2154 Datasheet HTML 3Page - International Rectifier IR2154 Datasheet HTML 4Page - International Rectifier IR2154 Datasheet HTML 5Page - International Rectifier IR2154 Datasheet HTML 6Page - International Rectifier IR2154 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IR2154
4
Symbol Definition
Min.
Typ.
Max. Units Test Conditions
fosc
Oscillator frequency
19.4
20
20.6
RT = 36.9kΩ
94
100
106
RT = 7.43k
Ω
d
RT pin duty cycle
48
50
52
%
fo < 100kHz
ICT
CT pin current
—
0.001
1.0
uA
ICTUV
UV-mode CT pin pulldown current
0.30
0.70
1.2
mA
VCC = 7V
VCT+
Upper CT ramp voltage threshold
—
8.0
—
VCT-
Lower CT ramp voltage threshold
—
4.0
—
VCTSD
CT voltage shutdown threshold
1.8
2.1
2.4
VRT+
High-level RT output voltage, VCC - VRT
—
10
50
IRT = 100µA
—
100
300
IRT = 1mA
VRT-
Low-level RT output voltage
—
10
50
IRT = 100µA
—
100
300
IRT = 1mA
VRTUV
UV-mode RT output voltage
—
0
100
VCC ≤ VCCUV-
VRTSD
SD-Mode RT output voltage, VCC - VRT
—
10
50
IRT = 100µA,
VCT = 0V
—
10
300
IRT = 1mA,
VCT = 0V
Oscillator I/O Characteristics
V
mV
Floating Supply Characteristics
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
IQBSUV
Micropower startup VBS supply current
—
0
10
VCC ≤ VCCUV-
IQBS
Quiescent VBS supply current
—
30
50
VBSMIN
Minimum required VBS voltage for proper
—
4.0
5.0
V
VCC=VCCUV+ + 0.1V
functionality from RT to HO
ILK
Offset supply leakage current
—
—
50
µAVB = VS = 600V
µA
Electrical Characteristics (cont.)
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
VOH
High level output voltage, VBIAS -VO
—
0
100
IO = OA
VOL
Low-level output voltage, VO
—
0
100
IO = OA
VOL_UV
UV-mode output voltage, VO
—
0
100
IO = OA
VCC ≤ VCCUV-
tr
Output rise time
—
80
150
tf
Output fall time
—
45
100
tsd
Shutdown propogation delay
—
660
—
td
Output deadtime (HO or LO)
0.35
0.60
0.85
µsec
Gate Driver Output Characteristics
mV
nsec
kHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com