Electronic Components Datasheet Search
  English  ▼

X  

IR21024 Datasheet(PDF) 13 Page - International Rectifier

Part # IR21024
Description  HIGH AND LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21024 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR21024 Datasheet HTML 7Page - International Rectifier IR21024 Datasheet HTML 8Page - International Rectifier IR21024 Datasheet HTML 9Page - International Rectifier IR21024 Datasheet HTML 10Page - International Rectifier IR21024 Datasheet HTML 11Page - International Rectifier IR21024 Datasheet HTML 12Page - International Rectifier IR21024 Datasheet HTML 13Page - International Rectifier IR21024 Datasheet HTML 14Page - International Rectifier IR21024 Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
IR2101/IR21014/IR2102/IR21024
Figure 17A. VBS Supply Current
vs Temperature
Figure 17B. VBS Supply Current
vs Voltage
VBS Floating Supply Voltage (V)
Figure 18A. Vcc Supply Current
vs Temperature
Temperature (°C)
Temperature (°C)
Figure 18B. Vcc Supply Current
vs Voltage
Vcc Supply Voltage (V)
Figure 19A. Logic"1" Input Current
vs Temperature
Temperature (°C)
Figure 19B. Logic"1" Input Current
vs Voltage
0
100
200
300
400
500
600
700
- 5 0
- 25
0
2 5
5 0
7 5
100
125
Ma x .
Ty p .
0
100
200
300
400
500
600
700
10
12
14
16
18
20
Ma x .
Ty p .
0
5
10
15
20
25
30
- 5 0- 2 5
0
2 5
5 0
7 51 0 0
1 2 5
Ma x .
Ty p .
0
30
60
90
120
150
10
12
14
16
18
20
Max .
Ty p.
0
5
10
15
20
25
30
10
12
14
16
18
20
Ma x .
Ty p .
Vcc Supply Voltage (V)
0
30
60
90
12 0
15 0
- 5 0
- 25
0
2 5
5 0
7 5
1 0 0
12 5
Ma x .
Ty p .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com