Electronic Components Datasheet Search
  English  ▼

X  

IR2102S Datasheet(PDF) 14 Page - International Rectifier

Part # IR2102S
Description  HIGH AND LOW SIDE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2102S Datasheet(HTML) 14 Page - International Rectifier

Back Button IR2102S Datasheet HTML 7Page - International Rectifier IR2102S Datasheet HTML 8Page - International Rectifier IR2102S Datasheet HTML 9Page - International Rectifier IR2102S Datasheet HTML 10Page - International Rectifier IR2102S Datasheet HTML 11Page - International Rectifier IR2102S Datasheet HTML 12Page - International Rectifier IR2102S Datasheet HTML 13Page - International Rectifier IR2102S Datasheet HTML 14Page - International Rectifier IR2102S Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
IR2101/IR21014/IR2102/IR21024
Figure 20A. Logic "0" Input Current
vs Temperature
Temperature (°C)
VCC Supply Voltage (V)
Figure 20B. Logic "0" Input Current
vs Voltage
0
1
2
3
4
5
10
12
14
16
18
20
Max.
Figure 21A. Vcc Undervoltage Threshold(+)
vs Temperature
Temperature (°C)
Figure 21B. Vcc Undervoltage Threshold(-)
vs Temperature
Figure 22A. Output Source Current
vs Temperature
Temperature (°C)
Figure 22B. Output Source Current
vs Voltage
6
7
8
9
10
11
-50
-25
0
25
50
75
100
125
Max.
Min.
Typ.
6
7
8
9
10
11
- 50- 25
0
25
50
7510 0
12 5
Max .
Min .
Ty p.
Temperature (°C)
0
100
200
300
400
500
10
12
14
16
18
20
Typ.
Min.
VBIAS Supply Voltage (V)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Typ.
Min.
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com