Electronic Components Datasheet Search
  English  ▼

X  

MJD41C Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJD41C
Description  Complementary Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD41C Datasheet(HTML) 5 Page - ON Semiconductor

  MJD41C Datasheet HTML 1Page - ON Semiconductor MJD41C Datasheet HTML 2Page - ON Semiconductor MJD41C Datasheet HTML 3Page - ON Semiconductor MJD41C Datasheet HTML 4Page - ON Semiconductor MJD41C Datasheet HTML 5Page - ON Semiconductor MJD41C Datasheet HTML 6Page - ON Semiconductor MJD41C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MJD41C (NPN), MJD42C (PNP)
www.onsemi.com
5
10
70
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
0.01
100
1
0.3
3
0.1
0.03
WIRE BOND LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
Figure 12. Maximum Forward Bias
Safe Operating Area
TC = 25°C SINGLE PULSE
TJ = 150°C
dc
0.5
2
5
1ms
MJD41C, 42C
50
30
20
10
7
5
3
2
1
0.05
100
ms
CURVES APPLY BELOW RATED VCEO
5ms
500
ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 12 is based on TJ(pk) = 150
_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided
TJ(pk)
v 150_C. TJ(pk) may be calculated from the data in
Figure 11. At high case temperatures, thermal limitations
will reduce the power that can be handled to values less than
the limitations imposed by second breakdown.
ORDERING INFORMATION
Device
Package Type
Package
Shipping†
MJD41CRLG
DPAK
(Pb−Free)
369C
1,800 / Tape & Reel
MJD41CT4G
DPAK
(Pb−Free)
369C
2,500 / Tape & Reel
NJVMJD41CT4G*
DPAK
(Pb−Free)
369C
2,500 / Tape & Reel
MJD42CG
DPAK
(Pb−Free)
369C
75 Units / Rail
MJD42C1G
IPAK
(Pb−Free)
369D
75 Units / Rail
MJD42CRLG
DPAK
(Pb−Free)
369C
1,800 / Tape & Reel
NJVMJD42CRLG*
DPAK
(Pb−Free)
369C
1,800 / Tape & Reel
MJD42CT4G
DPAK
(Pb−Free)
369C
2,500 / Tape & Reel
NJVMJD42CT4G*
DPAK
(Pb−Free)
369C
2,500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NJV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com