Electronic Components Datasheet Search
  English  ▼

X  

LM4878 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4878
Description  1 Watt Audio Power Amplifier in micro SMD package with Shutdown Logic Low
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4878 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4878 Datasheet HTML 6Page - National Semiconductor (TI) LM4878 Datasheet HTML 7Page - National Semiconductor (TI) LM4878 Datasheet HTML 8Page - National Semiconductor (TI) LM4878 Datasheet HTML 9Page - National Semiconductor (TI) LM4878 Datasheet HTML 10Page - National Semiconductor (TI) LM4878 Datasheet HTML 11Page - National Semiconductor (TI) LM4878 Datasheet HTML 12Page - National Semiconductor (TI) LM4878 Datasheet HTML 13Page - National Semiconductor (TI) LM4878 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Application Information (Continued)
width is dictated by the choice of external components
shown in Figure 1. The input coupling capacitor, C
i, forms a
first order high pass filter which limits low frequency re-
sponse. This value should be chosen based on needed
frequency response for a few distinct reasons.
Selection Of Input Capacitor Size
Large input capacitors are both expensive and space hungry
for portable designs. Clearly, a certain sized capacitor is
needed to couple in low frequencies without severe attenu-
ation. But in many cases the speakers used in portable
systems, whether internal or external, have little ability to
reproduce signals below 100 Hz to 150 Hz. Thus, using a
large input capacitor may not increase actual system perfor-
mance.
In addition to system cost and size, click and pop perfor-
mance is effected by the size of the input coupling capacitor,
C
i. A larger input coupling capacitor requires more charge to
reach its quiescent DC voltage (nominally 1/2 V
DD). This
charge comes from the output via the feedback and is apt to
create pops upon device enable. Thus, by minimizing the
capacitor size based on necessary low frequency response,
turn-on pops can be minimized.
Besides minimizing the input capacitor size, careful consid-
eration should be paid to the bypass capacitor value. Bypass
capacitor, C
B, is the most critical component to minimize
turn-on pops since it determines how fast the LM4878 turns
on. The slower the LM4878’s outputs ramp to their quiescent
DC voltage (nominally 1/2 V
DD), the smaller the turn-on pop.
Choosing C
B equal to 1.0 µF along with a small value of Ci
(in the range of 0.1 µF to 0.39 µF), should produce a virtually
clickless and popless shutdown function. While the device
will function properly, (no oscillations or motorboating), with
C
B equal to 0.1 µF, the device will be much more susceptible
to turn-on clicks and pops. Thus, a value of C
B equal to
1.0 µF is recommended in all but the most cost sensitive
designs.
LOW VOLTAGE APPLICATIONS ( BELOW 3.0 V
DD )
The LM4878 will function at voltages below 3 volts but this
mode of operation requires the addition of a 1k
Ω resistor
from each of the differential output pins ( pins 8 and 4 )
directly to ground. The addition of the pair of 1k
Ω resistors (
R4 & R5 ) assures stable operation below 3 Volt Vdd opera-
tion. The addition of the two resistors will however increase
the idle current by as much as 5mA. This is because at 0v
input both of the outputs of the LM4878’s 2 internal opamps
go to 1/2 V
DD ( 2.5 volts for a 5v power supply ), causing
current to flow through the 1K resistors from output to
ground. See fig 4.
Jumper options have been included on the reference design,
Fig. 4, to accommodate the low voltage application. J2 & J3
connect R4 and R5 to the outputs.
AUDIO POWER AMPLIFIER DESIGN
A 1W/8
Ω AUDIO AMPLIFIER
Given:
Power Output
1 Wrms
Load Impedance
8
Ω
Input Level
1 Vrms
Input Impedance
20 k
Ω
Bandwidth
100 Hz–20 kHz ± 0.25 dB
A designer must first determine the minimum supply rail to
obtain the specified output power. By extrapolating from the
Output Power vs Supply Voltage graphs in the Typical Per-
formance Characteristics section, the supply rail can be
easily found. A second way to determine the minimum sup-
ply rail is to calculate the required V
opeak using Equation 2
and add the output voltage. Using this method, the minimum
supply voltage would be (V
opeak +(VODTOP +VODBOT)), where
V
ODBOT and VODTOP are extrapolated from the Dropout Volt-
age vs Supply Voltage curve in the Typical Performance
Characteristics section.
(2)
Using the Output Power vs Supply Voltage graph for an 8
Ω
load, the minimum supply rail is 4.6V. But since 5V is a
standard voltage in most applications, it is chosen for the
supply rail. Extra supply voltage creates headroom that al-
lows the LM4878 to reproduce peaks in excess of 1W with-
out producing audible distortion. At this time, the designer
must make sure that the power supply choice along with the
output impedance does not violate the conditions explained
in the Power Dissipation section.
Once the power dissipation equations have been addressed,
the required differential gain can be determined from Equa-
tion 3.
(3)
R
f/Ri =AVD/2
From Equation 3, the minimum A
VD is 2.83; use AVD =3.
Since the desired input impedance was 20 k
Ω, and with a
A
VD impedance of 2, a ratio of 1.5:1 of Rf to Ri results in an
allocation of R
i =20k
Ω and R
f =30k
Ω. The final design step
is to address the bandwidth requirements which must be
stated as a pair of −3 dB frequency points. Five times away
from a −3 dB point is 0.17 dB down from passband response
which is better than the required ±0.25 dB specified.
f
L = 100 Hz/5 = 20 Hz
f
H =20kHz*5=100 kHz
As stated in the External Components section, R
i in con-
junction with C
i create a highpass filter.
C
i
≥ 1/(2π*20 kΩ*20 Hz) = 0.397 µF; use 0.39 µF
The high frequency pole is determined by the product of the
desired frequency pole, f
H, and the differential gain, AVD.
With a A
VD = 3 and fH = 100 kHz, the resulting GBWP =
150 kHz which is much smaller than the LM4878 GBWP of
4 MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4878 can still be used without running into bandwidth
limitations.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com