Electronic Components Datasheet Search
  English  ▼

X  

SL2309 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL2309
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL2309 Datasheet(HTML) 2 Page - Silicon Laboratories

  SL2309 Datasheet HTML 1Page - Silicon Laboratories SL2309 Datasheet HTML 2Page - Silicon Laboratories SL2309 Datasheet HTML 3Page - Silicon Laboratories SL2309 Datasheet HTML 4Page - Silicon Laboratories SL2309 Datasheet HTML 5Page - Silicon Laboratories SL2309 Datasheet HTML 6Page - Silicon Laboratories SL2309 Datasheet HTML 7Page - Silicon Laboratories SL2309 Datasheet HTML 8Page - Silicon Laboratories SL2309 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev 2.0, May 12, 2008
Page 2 of 12
SL2309
CLKA1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLKOUT
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
CLKIN
CLKA2
VDD
GND
CLKB1
CLKB2
S2
Pin Description
Pin Configuration
16-Pin SOIC and TSSOP
Pin
Number
Pin Name
Pin Type
Pin Description
1
CLKIN
Input
Reference Frequency Clock Input. Weak pull-down (2
50kΩ).
2
CLKA1
Output
Buffered Clock Output, Bank A. Weak pull-down (2
50kΩ).
3
CLKA2
Output
Buffered Clock Output, Bank A. Weak pull-down (2
50kΩ).
4
VDD
Power
3.3V Power Supply.
5
GND
Power
Power Ground.
6
CLKB1
Output
Buffered Clock Output, Bank B. Weak pull-down (2
50kΩ).
7
CLKB2
Output
Buffered Clock Output, Bank B. Weak pull-down (2
50kΩ).
8
S2
Input
Select Input, select pin S2. Weak pull-up (2
50kΩ).
9
S1
Input
Select Input, select pin S1. Weak pull-up (2
50kΩ).
10
CLKB3
Output
Buffered Clock Output, Bank B. Weak pull-down (2
50kΩ).
11
CLKB4
Output
Buffered Clock Output, Bank B. Weak pull-down (2
50kΩ).
12
GND
Power
Power Ground.
13
VDD
Power
3.3V Power Supply.
14
CLKA3
Output
Buffered Clock Output, Bank A. Weak pull-down (2
50kΩ).
15
CLKA4
Output
Buffered Clock Output, Bank A. Weak pull-down (2
50kΩ).
16
CLKOUT
Output
Buffered Clock Output, PLL Internal Feedback Output. Weak pull-down (2
50kΩ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com