Electronic Components Datasheet Search
  English  ▼

X  

IVR3K21 Datasheet(PDF) 9 Page - Aplus Intergrated Circuits

Part # IVR3K21
Description  Data Sheet
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

IVR3K21 Datasheet(HTML) 9 Page - Aplus Intergrated Circuits

Back Button IVR3K21 Datasheet HTML 3Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 4Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 5Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 6Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 7Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 8Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 9Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 10Page - Aplus Intergrated Circuits IVR3K21 Datasheet HTML 11Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Integrated Circuits Inc.
aIVR3K Series
Mar 27, 2012
10
CPU address mode with speaker direct drive (PWM)
C1 must be connected directly on the VDD and VSS pins of the chip
CPU address mode with COUT speaker drive (DAC)
C1 must be connected directly on the VDD and VSS pins of the chip
Rb is base resistor from 120 Ohm to 390 Ohm depends on value of VDD and transistor
gain.
Tr is an NPN transistor with beta larger than 150, e.g. 8050D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com