Electronic Components Datasheet Search
  English  ▼

X  

IVR3K42 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # IVR3K42
Description  Data Sheet
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

IVR3K42 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  IVR3K42 Datasheet HTML 1Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 2Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 3Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 4Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 5Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 6Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 7Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 8Page - Aplus Intergrated Circuits IVR3K42 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Integrated Circuits Inc.
aIVR3K Series
Mar 27, 2012
4
PIN CONFIGURATIONS
Note: 14 pins and 8 pins packages are available for aIVR3K42
PIN DESCRIPTIONS
Pin Names
Description
VOUT1
PWM output to drive speaker directly
VOUT2_
COUT
PWM output or COUT DAC output select by programmable option
(COUT is not available on aIVR3K10)
VSS
Power Ground
VDD
Positive Power Supply
PBm
Programmable I/O pins (m: 0 to 2)
PB3
Input pin with programmable pull-down
PCn
Programmable I/O pins (n: 0 to 3 for aIVR3K42 only)
Note:
1. Pins required for OTP program include PB0 to PB3, VOUT1, VOUT2_COUT, VDD and VSS.
2. PBm and PCn are software programmable I/O pins that can be set to different configurations such
as pure input, input with pull-up, input with pull-down and output. The programmable I/O pins set
up will take effect immediately after power-on reset.
3. 8-pin and 14-pin packages are available for aIVR3K42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com