Electronic Components Datasheet Search
  English  ▼

X  

IVR341N Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # IVR341N
Description  Data Sheet
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

IVR341N Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button IVR341N Datasheet HTML 2Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 3Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 4Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 5Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 6Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 7Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 8Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 9Page - Aplus Intergrated Circuits IVR341N Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Integrated Circuits Inc.
aIVR341N
July 30, 2013
7
TYPICAL APPLICATIONS
Using 3.3V Battery Direct Drive Speaker
Using 4.5V Battery with COUT speaker drive
VSS, VSSA
4.5V
RSTB
PB0
PB1
PB2
OSC
0.1uF
Tr
VOUT2_
COUT
8
1/4W
Speaker
ACE507A33
Output driving of ACE LDO:
ACE507A33 (300mA, 3.3V)
Rb
4.7K
Note :
PB0 to PB2 are set to input
C1 and C2 must be connected directly on the VDD/VDDA and
VSS/VSSA pins
VDDA
C1, 0.1uF
ROSC=220K
Rp=1ohm
VDD
C2, 0.1uF
VDDA
VSS, VSSA
3.3V
RSTB
PB0
PB1
PB2
OSC
Crst = 0.1uF
C1, 0.1uF
ROSC=220K
VOUT1
VOUT2_
COUT
PB3
Rrst = 4.7K
Note:
1.
PB0 to PB2 are set to input; PB3 is set to output
2.
C1 and C2 must be connected directly on the VDD, VDDA and VSS, VSSA pins of the chip
3.
R1 is optional for fast discharge of C1, C2 and Crst when power off.
R1
1M
SP
Rp=1ohm
VDD
C2, 0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com