Electronic Components Datasheet Search
  English  ▼

X  

IVR4208 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # IVR4208
Description  aIVR2104 ??21 sec
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

IVR4208 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  IVR4208 Datasheet HTML 1Page - Aplus Intergrated Circuits IVR4208 Datasheet HTML 2Page - Aplus Intergrated Circuits IVR4208 Datasheet HTML 3Page - Aplus Intergrated Circuits IVR4208 Datasheet HTML 4Page - Aplus Intergrated Circuits IVR4208 Datasheet HTML 5Page - Aplus Intergrated Circuits IVR4208 Datasheet HTML 6Page - Aplus Intergrated Circuits IVR4208 Datasheet HTML 7Page - Aplus Intergrated Circuits IVR4208 Datasheet HTML 8Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Integrated Circuits Inc.
aIVR2104/4208
MAR 12, 2015
2
FEATURES
Standard CMOS process.
Embedded EPROM.
Embedded 8-bit MCU.
10, 21 and 42sec voice duration at 6 KHz sampling with 4-bit ADPCM compression.
Combination of voice building blocks to extend playback duration.
Table entries are available for voice block combinations.
User selectable PCM or ADPCM data compress.
Voice Group Trigger Options: Edge / Level; Hold / Un-hold; Retrigger / Non-retrigger.
Programmable I/Os, Timer Interrupt and Watch Dog Timer.
Built-in oscillator with fixed Rosc, software control sampling frequency
2.2V – 3.6V single power supply and < 5uA low stand-by current.
PWM Vout1 and Vout2 drive speaker directly.
D/A COUT with ramp-up ramp-down option to drive speaker through an external BJT.
DESCRIPTION
Aplus’ aIVR is a 8-bit CPU based Voice chip series. It is fabricated with Standard CMOS process
with embedded voice storage memory.
It can store from 10 to 42sec voice message with 4-bit
ADPCM compression at 6KHz sampling rate. 8-bit PCM is also available as user selectable option to
improve sound quality. Depending on IC body, there are up to twelve programmable I/O pins. Key
trigger and Parallel CPU trigger mode can be configured according to different application
requirement. User selectable triggering and output signal options provide maximum flexibility to
various applications. Built-in resistor controlled oscillator, 8-bit current mode D/A output and PWM
direct speaker driving output minimize the number of external components.
Part Number
Duration
Programmable IO
aIVR2104
21 sec
4
aIVR4208
42 sec
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com