Electronic Components Datasheet Search
  English  ▼

X  

P89085 Datasheet(PDF) 11 Page - Aplus Intergrated Circuits

Part # P89085
Description  VOICE OTP IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89085 Datasheet(HTML) 11 Page - Aplus Intergrated Circuits

Back Button P89085 Datasheet HTML 7Page - Aplus Intergrated Circuits P89085 Datasheet HTML 8Page - Aplus Intergrated Circuits P89085 Datasheet HTML 9Page - Aplus Intergrated Circuits P89085 Datasheet HTML 10Page - Aplus Intergrated Circuits P89085 Datasheet HTML 11Page - Aplus Intergrated Circuits P89085 Datasheet HTML 12Page - Aplus Intergrated Circuits P89085 Datasheet HTML 13Page - Aplus Intergrated Circuits P89085 Datasheet HTML 14Page - Aplus Intergrated Circuits P89085 Datasheet HTML 15Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Integrated Circuits Inc.
aP89341/170/085
Ver 5.0
10
Aug 23, 2010
Command
D7
D6
D5
D4
D3
D2
D1
D0
Description
PUP1 (C5h)
1
1
0
0
0
1
0
1
Power up the chip with NO ramp-up (suitable
for VOUT direct drive)
PUP2 (8Dh)
1
0
0
0
1
1
0
1
Power up the chip WITH ramp-up (suitable for
COUT transistor drive)
PDN1
(E1h)
1
1
1
0
0
0
0
1
Power down the chip with NO ramp-down
(suitable for VOUT direct drive)
PDN2
(A9h)
1
0
1
0
1
0
0
1
Power down the chip WITH ramp-down
(suitable for COUT transistor drive)
1
1
1
0
0
0
1
1
Set output status for OUT2 pin
STATUS
(E3h)
0
0
0
1
0
G2
G1
G0
OUT2 = BUSYB (000), 8K (001), 4K, 2K, 1K,
16Hz, 1M, EMPTY (FULLB)
PAUSE
(39h)
0
0
1
1
1
0
0
1
Pause the playback and hold at current COUT
value
RESUME
(1Dh)
0
0
0
1
1
1
0
1
Resume playback from the previous COUT
value
0
1
1
1
0
0
0
1
Pre-load Voice Group address into buffer for
next playback
PREFETCH
(71h)
G7
G6
G5
G4
G3
G2
G1
G0
Voice Group address
(G7=MSB; G0=LSB)
• Power up with RAMP-UP (PU2-C5H) or without RAMP-UP (PU1-8DH)
Fig. 11 Power-up command timing
1. PU1 (C5H) will power-up the chip and set the COUT to 80H immediately and stay
there.
2. PU2 (8DH) will Ramp-up chip and ramp-up COUT from 00H to 80H and stay there.
3. Power-up will start after 350us (at 6KHz sampling rate).
4. Voice will be playback immediately after PU1 / PU2 completes if the section buffer
is filled with the PREFETCH command before power-up.
5. OUT1 (BUSY) will output logic HIGH during Ramp-up operation.
6. PDN2 (Power-down with ramp-down) will be executed correctly only if PU2 is
executed before.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com