Electronic Components Datasheet Search
  English  ▼

X  

P89341 Datasheet(PDF) 18 Page - Aplus Intergrated Circuits

Part # P89341
Description  VOICE OTP IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89341 Datasheet(HTML) 18 Page - Aplus Intergrated Circuits

Back Button P89341 Datasheet HTML 14Page - Aplus Intergrated Circuits P89341 Datasheet HTML 15Page - Aplus Intergrated Circuits P89341 Datasheet HTML 16Page - Aplus Intergrated Circuits P89341 Datasheet HTML 17Page - Aplus Intergrated Circuits P89341 Datasheet HTML 18Page - Aplus Intergrated Circuits P89341 Datasheet HTML 19Page - Aplus Intergrated Circuits P89341 Datasheet HTML 20Page - Aplus Intergrated Circuits P89341 Datasheet HTML 21Page - Aplus Intergrated Circuits P89341 Datasheet HTML 22Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Integrated Circuits Inc.
aP89341/170/085
Ver 5.0
17
Aug 23, 2010
OSCILLATOR RESISTANCE TABLE
Sampling Frequency
ROSC
ROSC
Sampling Frequency
KHz
KOhm
KOhm
KHz
4.90
300
140
11.00
5.26
290
130
11.76
5.88
280
120
12.50
6.09
270
110
13.33
6.33
260
100
14.51
6.67
250
91
15.63
6.85
240
82
16.95
7.14
230
75
18.18
7.46
220
68
19.23
7.70
210
62
20.83
8.06
200
56
22.22
8.47
190
51
23.81
8.93
180
43
25.00
9.26
170
9.80
160
10.42
150
Note: The data in the above tables are within 3% accuracy and measured at VDD = 3.0V. Oscillator frequency
is subjected to IC lot to lot variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com