Electronic Components Datasheet Search
  English  ▼

X  

P89682K Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # P89682K
Description  VOICE OTP IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89682K Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  P89682K Datasheet HTML 1Page - Aplus Intergrated Circuits P89682K Datasheet HTML 2Page - Aplus Intergrated Circuits P89682K Datasheet HTML 3Page - Aplus Intergrated Circuits P89682K Datasheet HTML 4Page - Aplus Intergrated Circuits P89682K Datasheet HTML 5Page - Aplus Intergrated Circuits P89682K Datasheet HTML 6Page - Aplus Intergrated Circuits P89682K Datasheet HTML 7Page - Aplus Intergrated Circuits P89682K Datasheet HTML 8Page - Aplus Intergrated Circuits P89682K Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Integrated Circuits Inc.
aP89682K/341K/170K/085K
Ver 2.5.1
5
May 24 2016
PIN DESCRIPTIONS :
•
S1 ~ S8 :
Input Trigger Pins:
- In Key Mode : S1 to S8 is used to trigger 57 Voice groups.
- In CPU Parallel Mode : this pin low to high [ Latch ] the address at S1(lsb) to S8(msb)
and starts the voice playback.
- In SPI Mode :
S1 is Chip Select (CSB) pin to initiate the command input.
S2 is the Serial Clock (SCK) pin which clocks the input command and data bits into the chip.
S3 is the Data In (DI) pin in which command and data bits are shifted input into the chip.
- In I2C Mode :
S2 is the Serial Clock (SCK) pin which clocks the input command and data bits into the chip.
S3 is the Data In (DI) pin in which command and data bits are shifted input into the chip.
- In MP3 Mode :
S1:Backward. S2:Forward.
S3:(Pause/Stop).
S4:Reset.
- In aP89 Mode : similar with APLUS 1st Generation OTP IC. (aP89341/aP89170/aP89085 ) usage.
•
SBT :
Input Trigger Pin:
- In SBT Mode :This pin is trigger pin to play Voice Groups one time or looping sequentially up to
1024 Voice Groups.
- In CPU Parallel Mode : This pin is used as address strobe to latch the Voice Group address input
at S1 to S8 and starts the voice playback.
- In MP3 Mode : This pin is (Play/Pause) or (Play/Stop).
•
VDDP and VDDA :
Power Supply Pins: These two pins must be connected to the positive power supply.
•
VSS :
Power Ground Pins: VSS and VPP pins must be connected together to the power ground during
voice playback.
In circuit program: VSS and VPP pins must be separated to the power ground. Connect resistor
between power ground and VPP.
•
M0 and M1 :
In Key Mode、SBT Mode、CPU Parallel Mode、MP3 Mode、SPI Mode、and I2C Mode ,
M0 and M1 can be used for Crystal oscillator or volume control.
In aP89 Mode Operating Mode Setting Pins:
- M1=0, M0=0 set the chip into Key Trigger Mode.
- M1=0, M0=1 set the chip into CPU Parallel Command Mode.
- M1=1, M0=0 set the chip into CPU Serial Command Mode.
•
VOUT1 and VOUT2 :
14-bits PWM output pins which can drive speaker and buzzer directly for voice playback.
•
OSC :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com