Electronic Components Datasheet Search
  English  ▼

X  

PR33A3 Datasheet(PDF) 10 Page - Aplus Intergrated Circuits

Part # PR33A3
Description  Recording voice IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

PR33A3 Datasheet(HTML) 10 Page - Aplus Intergrated Circuits

Back Button PR33A3 Datasheet HTML 6Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 7Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 8Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 9Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 10Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 11Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 12Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 13Page - Aplus Intergrated Circuits PR33A3 Datasheet HTML 14Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Integrated Circuits Inc.
aPR33A3
Ver. E
10/27
JAN 06 2014
Tape Mode using the Non-Auto Rewind Option of playback
The following fig. showed a typical playback circuit for non-auto rewind mode. We add a
slide-switch between /REC pin and VSS, and add 3 tact-switches /M0_Tg, /M1_Next,
/M2_CE pin and VSS. When the slide-switch fixed in float side and press /M0_Tg tact-switch ,
chip will start message playback.
Note: After reset, /REC and /M0_Tg, /M1_Next, /M2_/CE and /M7_Option pin will be
pull-up to VDD by internal resistor.
On power-up, beep twice and the device will be ready to play from the first address of
memory array. Send a falling edge to /M0_Tg pin then it will play from the first message &
beep once. During the playback, if /M0_Tg pin receive the falling edge then it will stop
playback immediately. After stop playing, send a falling edge to /M0_Tg pin and it will play
the message from the beginning. If you keep /M0_Tg pin in low potential, this message will
loop playing. Send a falling edge to /M2_CE pin, beep once & go back to the first message to
wait for the next command.
Please note the mode only can play the present message. If you want to hear the next
message, you have to send a falling edge to /M1_Next pin to complete ( beep once ). When
arrive to the end of memory, sending a falling edge to /M0_Tg pin again, the device will beep
twice and go back to the first message to wait for a new command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com