Electronic Components Datasheet Search
  English  ▼

X  

PR2060 Datasheet(PDF) 23 Page - Aplus Intergrated Circuits

Part # PR2060
Description  40 ~ 80 sec recording voice IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

PR2060 Datasheet(HTML) 23 Page - Aplus Intergrated Circuits

Back Button PR2060 Datasheet HTML 19Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 20Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 21Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 22Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 23Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 24Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 25Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 26Page - Aplus Intergrated Circuits PR2060 Datasheet HTML 27Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Integrated Circuits Inc.
aPR2060 T2.2
Ver. B
23/28
APR. 11, 2016
DC CHARACTERISTICS
Symbol
Parameter
Min. Typ. Max. Unit
Conditions
VDD
Operating Voltage
3.0
6.5
V
ISB
Standby Current
1
µA
IPDN
Power-Down Current
10
µA
IOP(IDLE)
Operating Current (Idle)
20
mA
VDD = 5V
IOP(REC)
Operating Current (Record)
35
mA
VDD = 5V
IOP(PLAY)
Operating Current (Playback)
25
mA
VDD = 5V
VIH
"H" Input Voltage
2.5
V
VIL
"L" Input Voltage
0.6
V
IVOUT
VOUT Current
185
mA
IOH
O/P High Current
8
mA
VDD = 5V / VOH=4.5V
IOL
O/P Low Current
14
mA
VDD = 5V / VOH=0.5V
RNPIO
Input pin pull-down resistance
300
K
External floating or drive low.
1
M
External drive high.
RUPIO
Input pin pull-up resistance
4.7
K
Fs/Fs
△
Frequency stability
5
%
VDD = 5V ± 1.0V
Fc/Fc
△
Chip to chip Frequency Variation
5
%
Also apply to lot to lot
variation.
■
SAMPLES RATES & RESISTANCE VALUES ( for reference only )
Sample Rate
Seconds
Resistance
12KHz
42 sec
47K
11KHz
46 sec
63K
10KHz
51 sec
79K
9KHz
56 sec
100K
8KHz
64 sec
120K
7KHz
73 sec
143K
6KHz
85 sec
173K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com